Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56366 Datasheet(PDF) 1 Page - Motorola, Inc

Part # DSP56366
Description  Digital Signal Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56366 Datasheet(HTML) 1 Page - Motorola, Inc

  DSP56366 Datasheet HTML 1Page - Motorola, Inc DSP56366 Datasheet HTML 2Page - Motorola, Inc DSP56366 Datasheet HTML 3Page - Motorola, Inc DSP56366 Datasheet HTML 4Page - Motorola, Inc DSP56366 Datasheet HTML 5Page - Motorola, Inc DSP56366 Datasheet HTML 6Page - Motorola, Inc DSP56366 Datasheet HTML 7Page - Motorola, Inc DSP56366 Datasheet HTML 8Page - Motorola, Inc DSP56366 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Chip Errata
DSP56366 Digital Signal Processor
Mask: 2J26D
Motorola, SPS, Wireless Division
366CE2J26D_0_0
NG 11/12/01 pg. 1 of 25
6501 William Cannon Drive West, Austin, Texas 78735-8598
 1997 -2001 Motorola
General: To prevent the use of instructions or sequences of instructions that do not operate correctly,
use the “lint563” program to identify such cases and use alternative sequences of instructions. This
program is available in the Motorola DSP Tools CLAS package.
Silicon Errata
Errata
Number
Errata Description
Applies
to Mask
ES14
Description (added before 2/18/1996):
When the DMA performs external memory accesses with priority higher than the
core and both continuous mode and interrupt enable bits are set in the channel’s
control register, then the DMA interrupt might not occur if the core performs
external memory access immediately after the enabling (DE = 1) of the DMA
channel.
Workaround: In this scenario any of the following alternatives can be used:
a. Do not set continuous mode.
b. Use dynamic DMA-core priority.
c. Guarantee that the core performs at least two instructions fetched from
internal memory immediately after setting of the DE.
2J26D
ES21
Description (added 4/16/1996):
If the DMA channel performs non-zero wait state data accesses to/from external
memory and the DMA interrupt is enabled, a false interrupt may occur in addition
to the correct one.
Workaround: Ensure that the channel’s DTD status bit in the DSTR register is set
before jumping to the interrupt service routine (i.e., the interrupt is correct only
when DTD is set).
Example:
ORG P:I_DMA2
JSSET #M_DTD2,X:M_DSTR,ISR_ ; ISR_ is interrupt service
routine
; label for DMA channel 2
2J26D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP56366

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56366 FREESCALE-DSP56366 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56366 NXP-DSP56366 Datasheet
2Mb / 110P
24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
logo
Freescale Semiconductor...
DSP56366P FREESCALE-DSP56366P Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56366P NXP-DSP56366P Datasheet
2Mb / 110P
24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
logo
Freescale Semiconductor...
DSP56366UM FREESCALE-DSP56366UM Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
More results

Similar Description - DSP56366

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com