Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56366 Datasheet(PDF) 12 Page - Motorola, Inc

Part # DSP56366
Description  Digital Signal Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56366 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button DSP56366 Datasheet HTML 8Page - Motorola, Inc DSP56366 Datasheet HTML 9Page - Motorola, Inc DSP56366 Datasheet HTML 10Page - Motorola, Inc DSP56366 Datasheet HTML 11Page - Motorola, Inc DSP56366 Datasheet HTML 12Page - Motorola, Inc DSP56366 Datasheet HTML 13Page - Motorola, Inc DSP56366 Datasheet HTML 14Page - Motorola, Inc DSP56366 Datasheet HTML 15Page - Motorola, Inc DSP56366 Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Chip Errata
DSP56366 Digital Signal Processor
Mask:2J26D
DSP56366 Errata
366CE2J26D_0_0
NG 11/12/01 pg. 12 of 25
 1997 -2001, Motorola
ES129
Description (added 7/5/2000)
If either HDM1 or HDM0 in the HCR register is set, the value of bits 6 and 5 of
the ICR register should reflect the value of HDM[1–0], respectively. Instead, both
ICR bits reflect DM1. The Host DMA functionality is correct, only the value read
from the ICR register is wrong.
Workaround:
To determine the Host DMA operating mode, read the HDM[2-0] bits in the HCR
register.
2J26D
ES130
Description (added 7/5/2000):
If the DMA writes to HTX, the HTDE status flag is not set immediately after the
data is transferred to the RXH:RXM:RXL registers. HTDE will be set only when
one of the following conditions occurs:
1) The external host accesses one of the HDI08 registers.
2) The 56300 core accesses one of the on-chip peripherals.
3) The DMA reads HRX.
No data is lost.
Workaround: There is none. This bug introduces more lattency in the assertion of
the next DMA transfer request.
2J26D
ES132
Description (added 6/18/2001):
For operating frequencies above 90 MHz, if both the DMA channel and the core
simultaneously access the same 1/4K page of internal memory (X, Y or program),
improper DMA channel operation may occur.
Workaround:
Avoid simultaneous DMA and core accesses to the same 1/4 K page of internal
memory when operating at frequencies above 90 MHz.
2J26D
Errata
Number
Errata Description
Applies
to Mask
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com