Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56366 Datasheet(PDF) 13 Page - Motorola, Inc

Part # DSP56366
Description  Digital Signal Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56366 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button DSP56366 Datasheet HTML 9Page - Motorola, Inc DSP56366 Datasheet HTML 10Page - Motorola, Inc DSP56366 Datasheet HTML 11Page - Motorola, Inc DSP56366 Datasheet HTML 12Page - Motorola, Inc DSP56366 Datasheet HTML 13Page - Motorola, Inc DSP56366 Datasheet HTML 14Page - Motorola, Inc DSP56366 Datasheet HTML 15Page - Motorola, Inc DSP56366 Datasheet HTML 16Page - Motorola, Inc DSP56366 Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Chip Errata
DSP56366 Digital Signal Processor
Mask:2J26D
DSP56366 Errata
366CE2J26D_0_0
NG 11/12/01 pg. 13 of 25
 1997 -2001, Motorola
Documentation Errata
Errata Description
Applies
to Mask
ED1
Description (revised 11/9/98):
XY memory data move does not work properly under one of the following
two situations:
1. The X-memory move destination is internal I/O and the Y-memory
move source is a register used as destination in the previous adjacent move
from non Y-memory
2. The Y-memory move destination is a register used as source in the next
adjacent move to non Y-memory.
Here are examples of the two cases (where x:(r1) is a peripheral):
Example 1:
move #$12,y0
move x0,x:(r7) y0,y:(r3) (while x:(r7) is a peripheral).
Example 2:
mac
x1,y0,a x1,x:(r1)+
y:(r6)+,y0
move
y0,y1
Any of the following alternatives can be used:
a.
Separate these two consecutive moves by any other instruction.
b.
Split XY Data Move to two moves.
Pertains to: DSP56300 Family Manual, Section B-5 "Peripheral pipeline
restrictions.
2J26D
ED3
Description (added 5/7/1996):
A one-word conditional branch instruction at LA-1 is not allowed.
Pertains to: DSP56300 Family Manual, Appendix B, Section B.4.1.3
2J26D
ED4
Description (added 10/13/1997):
The following instructions should not start at address LA:
MOVE to/from Program space {MOVEM, MOVEP (only the P space
options)}
This is a documentation update to the Appendix B, DSP56300 Family
Manual.
2J26D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com