Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16003CCCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16003CCCZ
Description  Dual-Axis 짹1.7 g Accelerometer with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16003CCCZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16003CCCZ Datasheet HTML 1Page - Analog Devices ADIS16003CCCZ Datasheet HTML 2Page - Analog Devices ADIS16003CCCZ Datasheet HTML 3Page - Analog Devices ADIS16003CCCZ Datasheet HTML 4Page - Analog Devices ADIS16003CCCZ Datasheet HTML 5Page - Analog Devices ADIS16003CCCZ Datasheet HTML 6Page - Analog Devices ADIS16003CCCZ Datasheet HTML 7Page - Analog Devices ADIS16003CCCZ Datasheet HTML 8Page - Analog Devices ADIS16003CCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADIS16003
Rev. 0 | Page 5 of 16
CIRCUIT AND TIMING DIAGRAMS
200
μAI
OL
200
μAI
OH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Digital Output Timing Specifications
SCLK
DOUT
DIN
DONTC
ZERO
ZERO
ZERO
ADD0
ONE
ZERO
PM0
4 LEADING ZEROS
1
234
56
15
16
tACQ
tCONVERT
THREE-STATE
THREE-STATE
t1
t2
t5
t4
t6
t7
t3
t8
DB11
DB10
DB9
DB0
CS
Figure 3. Accelerometer Serial Interface Timing Diagram
TCS
SCLK
DOUT
DIN
1
234
11
15
16
THREE-
STATE
THREE-STATE
t1
t6
t7
t3
t8
DB0
DB9
DB8
LEADING
ZERO
Figure 4. Temperature Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com