Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16003CCCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16003CCCZ
Description  Dual-Axis 짹1.7 g Accelerometer with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16003CCCZ Datasheet(HTML) 1 Page - Analog Devices

  ADIS16003CCCZ Datasheet HTML 1Page - Analog Devices ADIS16003CCCZ Datasheet HTML 2Page - Analog Devices ADIS16003CCCZ Datasheet HTML 3Page - Analog Devices ADIS16003CCCZ Datasheet HTML 4Page - Analog Devices ADIS16003CCCZ Datasheet HTML 5Page - Analog Devices ADIS16003CCCZ Datasheet HTML 6Page - Analog Devices ADIS16003CCCZ Datasheet HTML 7Page - Analog Devices ADIS16003CCCZ Datasheet HTML 8Page - Analog Devices ADIS16003CCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual-Axis ±1.7 g Accelerometer
with SPI Interface
ADIS16003
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
GENERAL DESCRIPTION
FEATURES
Dual-axis accelerometer
The ADIS16003 is a low cost, low power, complete dual-axis
accelerometer with an integrated serial peripheral interface
(SPI). An integrated temperature sensor is also available on the
SPI interface. The ADIS16003 measures acceleration with a full-
scale range of ±1.7 g (minimum), and it can measure both
dynamic acceleration (vibration) and static acceleration
(gravity).
SPI® digital output interface
Internal temperature sensor
Highly integrated; minimal external components;
bandwidth externally selectable
1 mg resolution at 60 Hz
Externally controlled electrostatic self-test
3.0 V to 5.25 V single-supply operation
The typical noise floor is 110 μg/√Hz, allowing signals below
1 mg (60 Hz bandwidth) to be resolved.
Low power: <2 mA
3500 g shock survival
7.2 mm × 7.2 mm × 3.6 mm package
The bandwidth of the accelerometer is set with optional capaci-
tors CX and CY at the XFILT and YFILT pins. Selection of the
two analog input channels is controlled via the serial interface.
APPLICATIONS
Industrial vibration/motion sensing
An externally driven self-test pin (ST) allows the user to verify
the accelerometer functionality.
Platform stabilization
Dual-axis tilt sensing
Tracking, recording, analysis devices
The ADIS16003 is available in a 7.2 mm × 7.2 mm × 3.6 mm,
12-terminal LGA package.
Alarms, security devices
FUNCTIONAL BLOCK DIAGRAM
SCLK
DIN
DOUT
CS
TCS
TEMP
SENSOR
SERIAL
INTERFACE
DUAL-AXIS
±1.7g
ACCELEROMETER
VCC
CDC
COM
ST
CY
CX
YFILT
XFILT
Figure 1.


Similar Part No. - ADIS16003CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16003 AD-ADIS16003 Datasheet
819Kb / 9P
iSensor??PC Evaluation System
ADIS16003 AD-ADIS16003 Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
ADIS16003/PCBZ AD-ADIS16003/PCBZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16003PCBZ AD-ADIS16003PCBZ Datasheet
819Kb / 9P
iSensor??PC Evaluation System
ADIS16003PCBZ AD-ADIS16003PCBZ Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16003CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
Precision 짹1.7 g Single/Dual Axis Accelerometer
4/04-Revision 0
logo
List of Unclassifed Man...
MXA2500G ETC1-MXA2500G Datasheet
335Kb / 8P
Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Absolute Outputs
MXD2020G ETC1-MXD2020G Datasheet
144Kb / 7P
Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADIS16006 AD-ADIS16006 Datasheet
391Kb / 16P
Dual-Axis -5 Accelerometer with SPI Interface
3/06-Revision 0
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
logo
MEMSIC Semiconductor (T...
MXD2020G MEMSIC-MXD2020G Datasheet
172Kb / 7P
Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com