Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16003CCCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADIS16003CCCZ
Description  Dual-Axis 짹1.7 g Accelerometer with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16003CCCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIS16003CCCZ Datasheet HTML 4Page - Analog Devices ADIS16003CCCZ Datasheet HTML 5Page - Analog Devices ADIS16003CCCZ Datasheet HTML 6Page - Analog Devices ADIS16003CCCZ Datasheet HTML 7Page - Analog Devices ADIS16003CCCZ Datasheet HTML 8Page - Analog Devices ADIS16003CCCZ Datasheet HTML 9Page - Analog Devices ADIS16003CCCZ Datasheet HTML 10Page - Analog Devices ADIS16003CCCZ Datasheet HTML 11Page - Analog Devices ADIS16003CCCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADIS16003
Rev. 0 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
40
0
1900
OUTPUT (LSB)
30
25
20
15
10
5
1929 1958 1987 2016 2045 2074 2103 2132 2161 2190
35
890
770
TEMPERATURE (
°C)
125
870
850
830
810
790
–20
0
20
40
60
80
100
–40
Figure 10. X-Axis Zero g Bias at 25°C
Figure 7. Sensitivity vs. Temperature (AD16003 Soldered to PCB)
2200
1900
–40
TEMPERATURE (
°C)
125
2150
2100
2050
2000
1950
–20
0
20
40
60
80
100
40
0
1990
OUTPUT (LSB)
30
25
20
15
10
5
1929 1958 1987 2016 2045 2074 2103 2132 2161 2190
35
Figure 8
. Zero g Bias vs. Temperature
Figure 11. Y-Axis Zero g Bias at 25°C
2200
1900
2.8
VOLTS
5.4
2150
2100
2050
2000
1950
3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.7 4.6 4.8 5.0 5.2
45
0
X-AXIS NOISE DENSITY (
μg/ Hz)
40
35
30
25
20
15
10
5
60
70
80
90
100
110
120
130
140
150
Figure 9. Zero g Bias vs. Supply
Figure 12. X-Axis Noise Density at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com