Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG59M1735C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # SLG59M1735C
Description  A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG59M1735C Datasheet(HTML) 4 Page - Renesas Technology Corp

  SLG59M1735C Datasheet HTML 1Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 2Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 3Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 4Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 5Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 6Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 7Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 8Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Datasheet
4-Feb-2022
CFR0011-120-01
Revision 1.04
Page 4 of 18
SLG59M1735C
A 10.5 mΩ, 4 A Load Switch
with Soft-start and Protection Features in WLCSP
©2022 Renesas Electronics Corporation
TON_Delay, VS(SR), and TTotal_ON Timing Details
TOFF_Delay OFF Delay Time
50% ON to VS ↓;
VDD = VD= 5 V,
RLOAD = 20 Ω, no CLOAD
--
23
--
µs
CLOAD
Output Load Capacitance
CLOAD connected from VS to GND
--
--
500
µF
ON_VIH
High Input Voltage on ON pin
0.85
--
VDD
V
ON_VIL
Low Input Voltage on ON pin
-0.3
0
0.3
V
THERMON Thermal shutoff turn-on temperature
--
125
--
°C
THERMOFF Thermal shutoff turn-off temperature
--
100
--
°C
Notes:
1. Refer to typical Timing Parameter vs. CSLEW performance charts for additional information when available.
Electrical Characteristics (continued)
TA = -40 °C to 85 °C (unless otherwise stated)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
90% VS
50% ON
TON_Delay
VS(SR) (V/ms)
ON
VS
TTotal_ON
10% VS
50% ON
10% VS
TOFF_Delay
TFALL
90% VS
Note: Rise and Fall times of the ON signal are 100 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com