Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG59M1735C Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # SLG59M1735C
Description  A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG59M1735C Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button SLG59M1735C Datasheet HTML 11Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 12Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 13Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 14Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 15Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 16Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 17Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 18Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Datasheet
4-Feb-2022
CFR0011-120-01
Revision 1.04
Page 16 of 18
SLG59M1735C
A 10.5 mΩ, 4 A Load Switch
with Soft-start and Protection Features in WLCSP
©2022 Renesas Electronics Corporation
Recommended Reflow Soldering Profile
For successful reflow of the SLG59M1735C a recommended thermal profile is illustrated below:
Note: This reflow profile is for classification/preconditioning and are not meant to specify board assembly profile. Actual board
assembly profiles should be developed based on specific process needs and board designs and should not exceed parameters
depicted on figure above.
Please see more information on IPC/JEDEC J-STD-020: latest revision for reflow profile based on package volume of 0.486 mm3
(nominal).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com