Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG59M1735C Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # SLG59M1735C
Description  A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG59M1735C Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button SLG59M1735C Datasheet HTML 6Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 7Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 8Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 9Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 10Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 11Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 12Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 13Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Datasheet
4-Feb-2022
CFR0011-120-01
Revision 1.04
Page 10 of 18
SLG59M1735C
A 10.5 mΩ, 4 A Load Switch
with Soft-start and Protection Features in WLCSP
©2022 Renesas Electronics Corporation
SLG59M1735C Power-Up/Power-Down Sequence Considerations
To ensure glitch-free power-up under all conditions, apply VDD first, followed by VD after VDD exceeds 1 V. Then allow VD to reach
90% of its max value before toggling the ON pin from Low-to-High. Likewise, power-down in reverse order.
If VDD and VD need to be powered up simultaneously, glitching can be minimized by having a suitable load capacitor. A 10 µF
CLOAD will prevent glitches for rise times of VDD and VD higher than 2 ms.
If the ON pin is toggled HIGH before VDD and VD have reached their steady-state values, the load switch timing parameters may
differ from datasheet specifications.
The slew rate of output VS follows a linear ramp set by a capacitor connected to the CAP pin. A larger capacitor value at the CAP
pin produces a slower ramp, reducing inrush current from capacitive loads.
SLG59M1735C Voltage Limitation
VD may not exceed VDD for proper operation otherwise the Active Current Limit cannot function properly.
SLG59M1735C Current Limiting
The SLG59M1735C has two modes of current limiting, differentiated by the output (Source pin) voltage.
1. Standard Current Limiting Mode (with Thermal Protection)
When VS > 250 mV, the output current is initially limited to the Active Current Limit specification given in the Electrical Charac-
teristics table. The current limiting circuit is very fast and responds within a few micro-seconds to sudden loads. When overload
is sensed, the current limiting circuit increases the FET resistance to keep the current from exceeding the Active Current Limit.
However, if an overload condition persists, the die temperature rise due to the increased FET resistance while at maximum current
can activate Thermal Protection. If the die temperature exceeds the THERMON specification, the FET is shut completely OFF,
allowing the die to cool. When the die cools to the THERMOFF temperature, the FET is allowed to turn back on. This process may
repeat as long as the overload condition is present.
2. Short Circuit Current Limiting Mode (with Thermal Protection)
When VS < 250 mV (which is the case with a hard short, such as a solder bridge on the power rail), the current is limited to
approximately 500 mA. Thermal Protection is also present, but since the Short Circuit Current Limit is much lower than Standard
Current Limit, activation may only occur at higher ambient temperatures.
For more information on GreenFET load switch features, please visit our website and see App Note “AN-1068 GreenFET and
High Voltage GreenFET Load Switch Basics”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com