Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5013IP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA5013IP
Description  PC Add-On Multimedia Boards
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5013IP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA5013IP Datasheet HTML 5Page - Renesas Technology Corp HA5013IP Datasheet HTML 6Page - Renesas Technology Corp HA5013IP Datasheet HTML 7Page - Renesas Technology Corp HA5013IP Datasheet HTML 8Page - Renesas Technology Corp HA5013IP Datasheet HTML 9Page - Renesas Technology Corp HA5013IP Datasheet HTML 10Page - Renesas Technology Corp HA5013IP Datasheet HTML 11Page - Renesas Technology Corp HA5013IP Datasheet HTML 12Page - Renesas Technology Corp HA5013IP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FIGURE 14. BANDWIDTH vs FEEDBACK RESISTANCE
FIGURE 15. SMALL SIGNAL OVERSHOOT vs LOAD
RESISTANCE
FIGURE 16. DIFFERENTIAL GAIN vs SUPPLY VOLTAGE
FIGURE 17. DIFFERENTIAL PHASE vs SUPPLY VOLTAGE
FIGURE 18. DISTORTION vs FREQUENCY
FIGURE 19. REJECTION RATIOS vs FREQUENCY
Typical Performance Curves VSUPPLY = ±5V, AV = +1, RF = 1kΩ, RL = 400Ω, TA = 25oC,
Unless Otherwise Specified (Continued)
80
60
40
20
0
200
350
500
650
800
950
FEEDBACK RESISTOR (
Ω)
VOUT = 0.2VP-P
CL = 10pF
AV = +10
LOAD RESISTANCE (
Ω)
0
200
400
600
800
1000
16
6
0
VOUT = 0.1VP-P
CL = 10pF
VSUPPLY = ±5V, AV = +2
VSUPPLY = ±15V, AV = +1
VSUPPLY = ±5V, AV = +1
VSUPPLY = ±15V, AV = +2
12
SUPPLY VOLTAGE (
±V)
3
5
7
9
11
13
15
0.10
0.08
0.06
0.04
0.02
0.00
FREQUENCY = 3.58MHz
RL = 75Ω
RL = 150Ω
RL = 1kΩ
0.08
0.06
0.04
0.02
0.00
3
5
7
9
11
13
15
SUPPLY VOLTAGE (
±V)
RL = 1kΩ
RL = 75Ω
RL = 150Ω
FREQUENCY = 3.58MHz
-40
-50
-60
-70
-80
-90
0.3
1
10
FREQUENCY (MHz)
VOUT = 2.0VP-P
CL = 30pF
HD3
HD2
3RD ORDER IMD
HD2
HD3
FREQUENCY (MHz)
0
-10
-20
-30
-40
-50
-60
-70
-80
0.001
0.01
0.1
1
10
30
AV = +1
CMRR
POSITIVE PSRR
NEGATIVE PSRR
HA5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com