Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5013IP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HA5013IP
Description  PC Add-On Multimedia Boards
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5013IP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HA5013IP Datasheet HTML 6Page - Renesas Technology Corp HA5013IP Datasheet HTML 7Page - Renesas Technology Corp HA5013IP Datasheet HTML 8Page - Renesas Technology Corp HA5013IP Datasheet HTML 9Page - Renesas Technology Corp HA5013IP Datasheet HTML 10Page - Renesas Technology Corp HA5013IP Datasheet HTML 11Page - Renesas Technology Corp HA5013IP Datasheet HTML 12Page - Renesas Technology Corp HA5013IP Datasheet HTML 13Page - Renesas Technology Corp HA5013IP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Die Characteristics
DIE DIMENSIONS:
2010
µm x 3130µm x 483µm
METALLIZATION:
Type: Metal 1: AlCu (1%)
Thickness: Metal 1: 8k
Å ±0.4kÅ
Type: Metal 2: AlCu (1%)
Thickness: Metal 2: 16k
Å ±0.8kÅ
SUBSTRATE POTENTIAL
Unbiased
PASSIVATION:
Type: Nitride
Thickness: 4k
Å ±0.4kÅ
TRANSISTOR COUNT:
248
PROCESS:
High Frequency Bipolar Dielectric Isolation
Metallization Mask Layout
HA5013
NC
NC
NC
OUT2
-IN2
+IN2
V-
+IN3
-IN3
OUT3
OUT1
-IN1
+IN1
V+
HA5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com