Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5013IP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HA5013IP
Description  PC Add-On Multimedia Boards
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5013IP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HA5013IP Datasheet HTML 6Page - Renesas Technology Corp HA5013IP Datasheet HTML 7Page - Renesas Technology Corp HA5013IP Datasheet HTML 8Page - Renesas Technology Corp HA5013IP Datasheet HTML 9Page - Renesas Technology Corp HA5013IP Datasheet HTML 10Page - Renesas Technology Corp HA5013IP Datasheet HTML 11Page - Renesas Technology Corp HA5013IP Datasheet HTML 12Page - Renesas Technology Corp HA5013IP Datasheet HTML 13Page - Renesas Technology Corp HA5013IP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
FIGURE 30. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 31. REJECTION RATIO vs TEMPERATURE
FIGURE 32. SUPPLY CURRENT vs DISABLE INPUT VOLTAGE
FIGURE 33. OUTPUT SWING vs TEMPERATURE
FIGURE 34. OUTPUT SWING vs LOAD RESISTANCE
FIGURE 35. INPUT OFFSET VOLTAGE CHANGE BETWEEN
CHANNELS vs TEMPERATURE
Typical Performance Curves VSUPPLY = ±5V, AV = +1, RF = 1kΩ, RL = 400Ω, TA = 25oC,
Unless Otherwise Specified (Continued)
3
4
5
6
7
8
9
10
11
12
13
14
15
25
20
15
10
5
SUPPLY VOLTAGE (
±V)
125oC
55oC
25oC
58
60
62
64
66
68
70
72
74
-100
-50
0
50
100
150
+PSRR
-PSRR
CMRR
200
250
TEMPERATURE (oC)
1
02
3
4
5
6
7
8
9
10 11
12 13 14 15
DISABLE INPUT VOLTAGE (V)
40
30
20
10
0
+5V
+10V
+15V
4.0
3.8
3.6
-60
-40
-20
0
40
60
80
100
120
140
20
TEMPERATURE (oC)
0.01
0.10
1.00
10.00
30
20
10
0
LOAD RESISTANCE (k
Ω)
VS = ±15V
VS = ±10V
VS = ±4.5V
-60
-40
-20
0
40
60
80
100
120
140
20
1.2
1.1
1.0
0.9
0.8
TEMPERATURE (oC)
HA5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com