Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F Datasheet(PDF) 216 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 216 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 212Page - Microchip Technology DSPIC30F Datasheet HTML 213Page - Microchip Technology DSPIC30F Datasheet HTML 214Page - Microchip Technology DSPIC30F Datasheet HTML 215Page - Microchip Technology DSPIC30F Datasheet HTML 216Page - Microchip Technology DSPIC30F Datasheet HTML 217Page - Microchip Technology DSPIC30F Datasheet HTML 218Page - Microchip Technology DSPIC30F Datasheet HTML 219Page - Microchip Technology DSPIC30F Datasheet HTML 220Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 248 page
background image
dsPIC30F
DS70083G-page 214
Preliminary
 2004 Microchip Technology Inc.
TABLE 23-31: I2C BUS DATA TIMING REQUIREMENTS (MASTER MODE)
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40
°C ≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min(1)
Max
Units
Conditions
IM10
T
LO:SCL Clock Low Time 100 kHz mode
T
CY / 2 (BRG + 1)
—
ms
—
400 kHz mode
T
CY / 2 (BRG + 1)
—
ms
—
1 MHz mode(2)
T
CY / 2 (BRG + 1)
—
ms
—
IM11
T
HI:SCL
Clock High Time 100 kHz mode
T
CY / 2 (BRG + 1)
—
ms
—
400 kHz mode
T
CY / 2 (BRG + 1)
—
ms
—
1 MHz mode(2)
T
CY / 2 (BRG + 1)
—
ms
—
IM20
T
F:SCL
SDA and SCL
Fall Time
100 kHz mode
—
300
ns
C
B is specified to be
from 10 to 400 pF
400 kHz mode
20 + 0.1 C
B
300
ns
1 MHz mode(2)
—100
ns
IM21
T
R:SCL
SDA and SCL
Rise Time
100 kHz mode
—
1000
ns
C
B is specified to be
from 10 to 400 pF
400 kHz mode
20 + 0.1 C
B
300
ns
1 MHz mode(2)
—300
ns
IM25
T
SU:DAT Data Input
Setup Time
100 kHz mode
250
—
ns
—
400 kHz mode
100
—
ns
1 MHz mode(2)
TBD
—
ns
IM26
T
HD:DAT Data Input
Hold Time
100 kHz mode
0
—
ns
—
400 kHz mode
0
0.9
ms
1 MHz mode(2)
TBD
—
ns
IM30
T
SU:STA Start Condition
Setup Time
100 kHz mode
T
CY / 2 (BRG + 1)
—
ms
Only relevant for
repeated Start
condition
400 kHz mode
T
CY / 2 (BRG + 1)
—
ms
1 MHz mode(2)
T
CY / 2 (BRG + 1)
—
ms
IM31
T
HD:STA Start Condition
Hold Time
100 kHz mode
T
CY / 2 (BRG + 1)
—
ms
After this period the
first clock pulse is
generated
400 kHz mode
T
CY / 2 (BRG + 1)
—
ms
1 MHz mode(2)
T
CY / 2 (BRG + 1)
—
ms
IM33
T
SU:STO Stop Condition
Setup Time
100 kHz mode
T
CY / 2 (BRG + 1)
—
ms
—
400 kHz mode
T
CY / 2 (BRG + 1)
—
ms
1 MHz mode(2)
T
CY / 2 (BRG + 1)
—
ms
IM34
T
HD:STO Stop Condition
100 kHz mode
T
CY / 2 (BRG + 1)
—
ns
—
Hold Time
400 kHz mode
T
CY / 2 (BRG + 1)
—
ns
1 MHz mode(2)
T
CY / 2 (BRG + 1)
—
ns
IM40
T
AA:SCL
Output Valid
From Clock
100 kHz mode
—
3500
ns
—
400 kHz mode
—
1000
ns
—
1 MHz mode(2)
—
—
ns
—
IM45
T
BF:SDA Bus Free Time
100 kHz mode
4.7
—
ms
Time the bus must be
free before a new
transmission can start
400 kHz mode
1.3
—
ms
1 MHz mode(2)
TBD
—
ms
IM50
C
B
Bus Capacitive Loading
—
400
pF
Note 1:
BRG is the value of the I2C Baud Rate Generator. Refer to
Section 21 “Inter-Integrated Circuit™ (I2C)”
in the dsPIC30F Family Reference Manual.
2:
Maximum pin capacitance = 10 pF for all I2C pins (for 1 MHz mode only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com