Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F Datasheet(PDF) 218 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 218 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 214Page - Microchip Technology DSPIC30F Datasheet HTML 215Page - Microchip Technology DSPIC30F Datasheet HTML 216Page - Microchip Technology DSPIC30F Datasheet HTML 217Page - Microchip Technology DSPIC30F Datasheet HTML 218Page - Microchip Technology DSPIC30F Datasheet HTML 219Page - Microchip Technology DSPIC30F Datasheet HTML 220Page - Microchip Technology DSPIC30F Datasheet HTML 221Page - Microchip Technology DSPIC30F Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 248 page
background image
dsPIC30F
DS70083G-page 216
Preliminary
 2004 Microchip Technology Inc.
TABLE 23-32: I2C BUS DATA TIMING REQUIREMENTS (SLAVE MODE)
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40
°C ≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
IS10
T
LO:SCL
Clock Low Time
100 kHz mode
4.7
—
µs
Device must operate at a
minimum of 1.5 MHz
400 kHz mode
1.3
—
µs
Device must operate at a
minimum of 10 MHz.
1 MHz mode(1)
0.5
—
µs—
IS11
T
HI:SCL
Clock High Time
100 kHz mode
4.0
—
µs
Device must operate at a
minimum of 1.5 MHz
400 kHz mode
0.6
—
µs
Device must operate at a
minimum of 10 MHz
1 MHz mode(1)
0.5
—
µs—
IS20
T
F:SCL
SDA and SCL
Fall Time
100 kHz mode
—
300
ns
C
B is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1 C
B
300
ns
1 MHz mode(1)
—
100
ns
IS21
T
R:SCL
SDA and SCL
Rise Time
100 kHz mode
—
1000
ns
C
B is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1 C
B
300
ns
1 MHz mode(1)
—
300
ns
IS25
T
SU:DAT
Data Input
Setup Time
100 kHz mode
250
—
ns
—
400 kHz mode
100
—
ns
1 MHz mode(1)
100
—
ns
IS26
T
HD:DAT
Data Input
Hold Time
100 kHz mode
0
—
ns
—
400 kHz mode
0
0.9
µs
1 MHz mode(1)
00.3
µs
IS30
T
SU:STA
Start Condition
Setup Time
100 kHz mode
4.7
—
µs
Only relevant for repeated
Start condition
400 kHz mode
0.6
—
µs
1 MHz mode(1)
0.25
—
µs
IS31
T
HD:STA
Start Condition
Hold Time
100 kHz mode
4.0
—
µs
After this period the first
clock pulse is generated
400 kHz mode
0.6
—
µs
1 MHz mode(1)
0.25
—
µs
IS33
T
SU:STO
Stop Condition
Setup Time
100 kHz mode
4.7
—
µs—
400 kHz mode
0.6
—
µs
1 MHz mode(1)
0.6
—
µs
IS34
T
HD:STO
Stop Condition
100 kHz mode
4000
—
ns
—
Hold Time
400 kHz mode
600
—
ns
1 MHz mode(1)
250
ns
IS40
T
AA:SCL
Output Valid From
Clock
100 kHz mode
0
3500
ns
—
400 kHz mode
0
1000
ns
1 MHz mode(1)
0
350
ns
IS45
T
BF:SDA
Bus Free Time
100 kHz mode
4.7
—
µs
Time the bus must be free
before a new transmission
can start
400 kHz mode
1.3
—
µs
1 MHz mode(1)
0.5
—
µs
IS50
C
B
Bus Capacitive
Loading
—
400
pF
—
Note 1:
Maximum pin capacitance = 10 pF for all I2C pins (for 1 MHz mode only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com