Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F Datasheet(PDF) 190 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 190 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 186Page - Microchip Technology DSPIC30F Datasheet HTML 187Page - Microchip Technology DSPIC30F Datasheet HTML 188Page - Microchip Technology DSPIC30F Datasheet HTML 189Page - Microchip Technology DSPIC30F Datasheet HTML 190Page - Microchip Technology DSPIC30F Datasheet HTML 191Page - Microchip Technology DSPIC30F Datasheet HTML 192Page - Microchip Technology DSPIC30F Datasheet HTML 193Page - Microchip Technology DSPIC30F Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 248 page
background image
dsPIC30F
DS70083G-page 188
Preliminary
 2004 Microchip Technology Inc.
DC47
—
—
mA
-40°C
3.3V
20 MIPS EC mode, 8X PLL
DC47a
29
—
mA
25°C
DC47b
—
—
mA
85°C
DC47c
—
—
mA
-40°C
5V
DC47d
52
—
mA
25°C
DC47e
—
—
mA
85°C
DC47f
—
—
mA
125°C
DC48
—
—
mA
-40°C
3.3V
16 MIPS EC mode, 16X PLL
DC48a
24
—
mA
25°C
DC48b
—
—
mA
85°C
DC48c
—
—
mA
-40°C
5V
DC48d
43
—
mA
25°C
DC48e
—
—
mA
85°C
DC48f
—
—
mA
125°C
DC49
—
—
mA
-40°C
5V
30 MIPS EC mode, 16X PLL
DC49a
73
—
mA
25°C
DC49b
—
—
mA
85°C
DC49c
—
—
mA
125°C
DC50
—
—
mA
-40°C
3.3V
FRC (~ 2 MIPS)
DC50a
4.0
—
mA
25°C
DC50b
—
—
mA
85°C
DC50c
—
—
mA
125°C
DC50d
—
—
mA
-40°C
5V
DC50e
7.0
—
mA
25°C
DC50f
—
—
mA
85°C
DC50g
—
—
mA
125°C
DC51
—
—
mA
-40°C
3.3V
LPRC (~ 512 kHz)
DC51a
1.0
—
mA
25°C
DC51b
—
—
mA
85°C
DC51c
—
—
mA
125°C
DC51d
—
—
mA
-40°C
5V
DC51e
1.5
—
mA
25°C
DC51f
—
—
mA
85°C
DC51g
—
—
mA
125°C
TABLE 23-4:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE) (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40
°C ≤ TA ≤ +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Idle Current (I
IDLE): Core OFF Clock ON Base Current(2)
Note 1:
Data in “Typical” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
Base I
IDLE current is measured with Core off, Clock on and all modules turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com