Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F Datasheet(PDF) 193 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 193 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 189Page - Microchip Technology DSPIC30F Datasheet HTML 190Page - Microchip Technology DSPIC30F Datasheet HTML 191Page - Microchip Technology DSPIC30F Datasheet HTML 192Page - Microchip Technology DSPIC30F Datasheet HTML 193Page - Microchip Technology DSPIC30F Datasheet HTML 194Page - Microchip Technology DSPIC30F Datasheet HTML 195Page - Microchip Technology DSPIC30F Datasheet HTML 196Page - Microchip Technology DSPIC30F Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 248 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS70083G-page 191
dsPIC30F
TABLE 23-6:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40
°C ≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
V
IL
Input Low Voltage(2)
DI10
I/O pins:
with Schmitt Trigger buffer
V
SS
—0.2 V
DD
V
DI15
MCLR
V
SS
—0.2 V
DD
V
DI16
OSC1 (in XT, HS and LP modes)
V
SS
—0.2 V
DD
V
DI17
OSC1 (in RC mode)(3)
V
SS
—0.3 V
DD
V
DI18
SDA, SCL
TBD
—
TBD
V
SM bus disabled
DI19
SDA, SCL
TBD
—
TBD
V
SM bus enabled
V
IH
Input High Voltage(2)
DI20
I/O pins:
with Schmitt Trigger buffer
0.8 V
DD
—V
DD
V
DI25
MCLR
0.8 V
DD
—V
DD
V
DI26
OSC1 (in XT, HS and LP modes)
0.7 V
DD
—V
DD
V
DI27
OSC1 (in RC mode)(3)
0.9 V
DD
—V
DD
V
DI28
SDA, SCL
TBD
—
TBD
V
SM bus disabled
DI29
SDA, SCL
TBD
—
TBD
V
SM bus enabled
I
CNPU
CN
XX Pull-up Current(2)
DI30
50
250
400
µAVDD = 5V, VPIN = VSS
DI31
TBD
TBD
TBD
µAVDD = 3V, VPIN = VSS
I
IL
Input Leakage Current(2)(4)(5)
DI50
I/O ports
—
0.01
±1
µAVSS ≤ VPIN ≤ VDD,
Pin at hi-impedance
DI51
Analog input pins
—
0.50
—
µAVSS ≤ VPIN ≤ VDD,
Pin at hi-impedance
DI55
MCLR
—0.05
±5
µAVSS ≤ VPIN ≤ VDD
DI56
OSC1
—
0.05
±5
µAVSS ≤ VPIN ≤ VDD, XT, HS
and LP Osc mode
Note 1:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
These parameters are characterized but not tested in manufacturing.
3:
In RC oscillator configuration, the OSC1/CLKl pin is a Schmitt Trigger input. It is not recommended that
the dsPIC30F device be driven with an external clock while in RC mode.
4:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
5:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com