Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F Datasheet(PDF) 196 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 196 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 192Page - Microchip Technology DSPIC30F Datasheet HTML 193Page - Microchip Technology DSPIC30F Datasheet HTML 194Page - Microchip Technology DSPIC30F Datasheet HTML 195Page - Microchip Technology DSPIC30F Datasheet HTML 196Page - Microchip Technology DSPIC30F Datasheet HTML 197Page - Microchip Technology DSPIC30F Datasheet HTML 198Page - Microchip Technology DSPIC30F Datasheet HTML 199Page - Microchip Technology DSPIC30F Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 248 page
background image
dsPIC30F
DS70083G-page 194
Preliminary
 2004 Microchip Technology Inc.
TABLE 23-9:
ELECTRICAL CHARACTERISTICS: BOR
TABLE 23-10: DC CHARACTERISTICS: PROGRAM AND EEPROM
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40
°C ≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
BO10
V
BOR
BOR Voltage(2) on
V
DD transition high to
low
BORV = 00(3)
—
—
—
V
Not in operating
range
BORV = 01
2.7
—
2.86
V
BORV = 10
4.2
—
4.46
V
BORV = 11
4.5
—
4.78
V
BO15
V
BHYS
—5
—
mV
Note 1:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
These parameters are characterized but not tested in manufacturing.
3:
00
values not in usable operating range.
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40
°C ≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Data EEPROM Memory(2)
D120
E
D
Byte Endurance
100K
1M
—
E/W
-40
°C ≤ TA ≤ +85°C
D121
V
DRW
V
DD for Read/Write
V
MIN
—
5.5
V
Using NVMCON to read/write
V
MIN = Minimum operating
voltage
D122
T
DEW
Erase/Write Cycle Time
—
2
—
ms
D123
T
RETD
Characteristic Retention
40
100
—
Year
Provided no other specifications
are violated
D124
I
DEW
I
DD during Programming
—
10
30
mA
Row erase
Program FLASH Memory(2)
D130
E
P
Cell Endurance
10K
100K
—
E/W
-40
°C ≤ TA ≤ +85°C
D131
V
PR
V
DD for Read
V
MIN
—5.5
V
V
MIN = Minimum operating
voltage
D132
V
EB
V
DD for Bulk Erase
3.0
—
5.5
V
D133
V
PEW
V
DD for Erase/Write
3.0
—
5.5
V
D134
T
PEW
Erase/Write Cycle Time
—
2
—
ms
D135
T
RETD
Characteristic Retention
40
100
—
Year
Provided no other specifications
are violated
D136
T
EB
ICSP Block Erase Time
—
4
—
ms
D137
I
PEW
I
DD during Programming
—
10
30
mA
Row erase
D138
I
EB
I
DD during Programming
—
10
30
mA
Bulk erase
Note 1:
Data in “Typ” column is at 5V, 25°C unless otherwise stated.
2:
These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com