Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F Datasheet(PDF) 199 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 199 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 195Page - Microchip Technology DSPIC30F Datasheet HTML 196Page - Microchip Technology DSPIC30F Datasheet HTML 197Page - Microchip Technology DSPIC30F Datasheet HTML 198Page - Microchip Technology DSPIC30F Datasheet HTML 199Page - Microchip Technology DSPIC30F Datasheet HTML 200Page - Microchip Technology DSPIC30F Datasheet HTML 201Page - Microchip Technology DSPIC30F Datasheet HTML 202Page - Microchip Technology DSPIC30F Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 248 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS70083G-page 197
dsPIC30F
TABLE 23-14: INTERNAL CLOCK TIMING EXAMPLES
TABLE 23-13: PLL CLOCK TIMING SPECIFICATIONS (VDD = 2.5 TO 5.5 V)
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40
°C ≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
OS50
F
PLLI
PLL Input Frequency Range(2)
4
—
10
MHz
EC, XT modes with PLL
OS51
F
SYS
On-chip PLL Output(2)
16
—
120
MHz
EC, XT modes with PLL
OS52
T
LOC
PLL Start-up Time (Lock Time)
—
20
50
µs
OS53
D
CLK
CLKOUT Stability (Jitter)
TBD
1
TBD
%
Measured over 100 ms
period
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
Clock
Oscillator
Mode
F
OSC
(MHz)(1)
T
CY (
µsec)(2)
MIPS(3)
w/o PLL
MIPS(3)
w PLL x4
MIPS(3)
w PLL x8
MIPS(3)
w PLL x16
EC
0.200
20.0
0.05
—
—
—
4
1.0
1.0
4.0
8.0
16.0
10
0.4
2.5
10.0
20.0
—
25
0.16
25.0
—
—
—
XT
4
1.0
1.0
4.0
8.0
16.0
10
0.4
2.5
10.0
20.0
—
Note 1:
Assumption: Oscillator Postscaler is divide by 1.
2:
Instruction Execution Cycle Time: T
CY = 1 / MIPS.
3:
Instruction Execution Frequency: MIPS = (F
OSC * PLLx) / 4 [since there are 4 Q clocks per instruction
cycle].
TABLE 23-15: INTERNAL RC ACCURACY
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40
°C ≤ TA ≤ +125°C for Extended
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
FRC @ Freq = 8 MHz(1)
F16
TBD
—
TBD
%
-40°C to +85°C
V
DD =3.3V
F19
TBD
—
TBD
%
-40°C to +85°C
V
DD =5V
LPRC @ Freq = 512 kHz(2)
F20
TBD
—
TBD
%
-40°C to +85°C
V
DD =3V
F21
TBD
—
TBD
%
-40°C to +85°C
V
DD =5V
Note 1:
Frequency calibrated at 25°C and 5V. TUN bits can be used to compensate for temperature drift.
2:
LPRC frequency after calibration.
3:
Change of LPRC frequency as V
DD changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com