Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP0081AS2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP0081AS2
Description  Quad Inverting Power Drivers with Serial Diagnostic Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0081AS2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP0081AS2 Datasheet HTML 1Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 2Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 3Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 4Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 5Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 6Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 7Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 8Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HIP0080, HIP0081
FN3018 Rev 5.00
Page 4 of 14
November 2000
Absolute Maximum Ratings
Thermal Information
Supply Voltage (Logic and Control), VCC . . . . . . . . . . . -16 to 45V
Power MOSFET Drain Voltage, VO (Note 1) . . . . . . -0.5 to VCLAMP
Maximum Output Clamp Energy, EOK (HIP0080) . . . . . . . . . . Note 4
Maximum Output Clamp Energy, EOK (HIP0081) . . . . . . . . . . Note 4
Input Voltage (Logic and Driver Inputs), VIN . . . . . . . . . . . -0.5 to 7V
Output Voltage, DATAOUT . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 7V
HIP0080 Output Current
Each Output, IOUT(PEAK), (Note 2) . . . . . . -1.5A to IOUT(SC)
Each Output, IOUT(DC) . . . . . . . . . . . . . . . . . . . . . . . . . +1.3A
Total of 4 Outputs ON, Unequal IOUT . . . . . . . . . . . . . . . . +3A
Total of 4 Outputs ON, Unequal IOUT . . . . . +4A/500ms (Max)
HIP0081 Output Current
Each Output, IOUT(PEAK), (Note 2) . . . . . . . . . -2 to IOUT(SC)
Each Output, IOUT(DC) . . . . . . . . . . . . . . . . . . . . . . . . . +2.2A
Total of 4 Outputs, ON, Unequal IOUT . . . . . . . . . . . . . . . +6A
Total of 4 Outputs ON, Unequal IOUT . . . . . +8A/500ms (Max)
Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . -40oC to 125oC
Junction Temperature Range . . . . . . . . . . . . . . . . . -40oC to 150oC
Thermal Resistance (Typical, Note 3)
JA(oC/W) JC(oC/W)
HIP0080 . . . . . . . . . . . . . . . . . . . . . . . .
43
N/A
HIP0080 (on 2 sq. in. PC Board) . . . . .
33
N/A
HIP0081 . . . . . . . . . . . . . . . . . . . . . . . .
45
3
HIP0080 Power Dissipation with a 2 sq. in. PC Board Heat Sink:
At 85oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.95W
Above 85oC:. . . . . . . . . . . . . . . . . . . Derate Linearly at 30mW/oC
HIP0081 Power Dissipation with Infinite Heat Sink:
At 125oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.33W
Above 125oC . . . . . . . . . . . . . . . . . Derate Linearly at 333 mW/oC
Maximum Storage Temperature Range, TSTG. . . . -55oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . 300oC
Die Characteristics
HIP0080 Back Side Potential . . . . . . . . . . . . . . Frame, GND Leads
HIP0081 Back Side Potential . . . . . . . . . Heat Sink Tab, GND Lead
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The MOSFET Output Drain is internally Clamped with a Drain-to-Gate zener diode that turns-on the MOSFET to hold the Drain at the VCLAMP
voltage. Refer to the Electrical Characteristic Tables for the VCLAMP voltage limits.
2. Each Output has Over-Current Shutdown protection in the positive current direction. The maximum peak current rating is determined by the
minimum Over-Current Shutdown as detailed in the Electrical Specification Table. In the event of an Over-Current Shutdown the input drive is
latched OFF. The output short must be removed and the input toggled OFF and ON to restore the output drive.
3. Effective Heat Sinking for the HIP0080 PLCC package requires a PC Board solder mount or equivalent. The HIP0080
JA junction-to-air thermal
resistance is given for a PC Board with 2 sq. in. of 1 oz. surface mount ground copper extending away from the package. For additional Power
Dissipation Derating information, see Figure 8 curves.
4. Refer to Figures 4 and 5 Single Pulse Output Clamp Energy vs. Time Capability of the HIP0080 and HIP0081. The safe margin for single pulse
energy operation is below the dotted line shown in Figures 4 and 5.
Electrical Specifications
VCC = 5.5V to 25V5%, TA = -40oC to 125oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
HIP0080
HIP0081
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
POWER OUTPUTS
Output ON Resistance
(HIP0081)
rON
VCC = 10 to 25V, All Outputs ON
IOUT1 = IOUT2 = IOUT3 = IOUT4 = 1A
---
--
0.5
VCC = 5.5 to 10V, All Outputs ON
IOUT1 = IOUT2 = IOUT3 = IOUT4 = 0.7A
---
--
1.0
Output ON Resistance
(HIP0080)
rON
VCC = 10 to 25V, All Outputs ON
IOUT1 = IOUT2 = IOUT3 = IOUT4 = 0.5A
--
1.0
---
VCC = 5.5 to 10V, All Outputs ON
IOUT1 = IOUT2 = IOUT3 = IOUT4 = 0.4A
--
2.0
---
HIP0081 Output Off Current
IOFF
Inputs Low, Each VOUT = 60V
TA = 25oC to 125oC
-
-
-
-
0.75
1.0
mA
Inputs Low, Each VOUT = 60V, TA = -40oC
-
-
-
-
0.75
1.5
mA
HIP0081 Output Leakage
Current
IOFFLK
Inputs Low, Each VOUT = 60V, VCC = 0V
-
-
-
-
1.0
10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com