Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP0081AS2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP0081AS2
Description  Quad Inverting Power Drivers with Serial Diagnostic Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0081AS2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP0081AS2 Datasheet HTML 1Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 2Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 3Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 4Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 5Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 6Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 7Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 8Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN3018 Rev 5.00
Page 1 of 14
November 2000
FN3018
Rev 5.00
November 2000
HIP0080, HIP0081
Quad Inverting Power Drivers with Serial Diagnostic Interface
DATASHEET
The HIP0080/0081 Quad Power Drivers contain four
individually protected NDMOS power output transistor
switches to drive inductive and resistive loads such as:
relays, solenoids, injectors, AC and DC motors, heaters
and incandescent lamp displays. The 4 Power Drivers are
low-side switches driven by CMOS logic input control
stages. Each Output Power Driver is protected against
over-current, over-temperature and over-voltage. An
internal drain-to-gate zener diode provides the clamping
protection for over-voltage. Diagnostic circuits provide
ground short, supply short, open load and thermal overload
detection for each of the 4 output stages. Each of the 4
input drivers and their respective diagnostic filters are
controlled by one ENABLE input.
The inputs are CMOS logic compatible and individually
control the output drivers with an active high state for turn-
on. All other control inputs are active high with the
exception of the Chip Select (CS) which is active low. The
DATAIN (DI) and DATAOUT (DO) are positive logic and the
Clock (CLK) input for the Serial Interface is active on the
rising edge of the CLK pulse. All Inputs except the HIP0080
ENABLE have a nominal level of hysteresis. IN1, IN2, IN3,
IN4 and ENABLE have pull-down resistors of
approximately 100k
. This switches off any channel that
has an unterminated input.
Filters are used on the outputs of the fault sensing
comparators to avoid the detection of short duration
transient spikes. The on-chip oscillator is used to clock an
internal shift register in each filter. If the fault condition is
longer than a preset number of clock cycles, the fault
condition is recognized and the respective bit is set in the
diagnostic register. No filter is used in the thermal-overload
feedback circuit and the bit is set when thermal shutdown
occurs.
For normal operating conditions, a Reset turns off all
outputs when the VCC level drops below 3.5V. The internal
bandgap and bias supply function includes a 5V regulated
supply for the low voltage signal and logic circuits.
Features
• Low Side Power MOSFET Output Drivers
• Output Driver Protection
- Over-Current Shutdown
- Over-Temperature Shutdown with Hysteresis
- Over-Voltage Internal Clamp
• HIP0081 Output Current Switching Capability:
- Each Output, IOUT . . . . . . . . . . . . . . . . . . . . . . 2.2A DC
- All Outputs ON, Equal IOUT . . . . . . . . . . . . . . . . .6A DC
- All Outputs ON, Equal IOUT . . . . . . . . . . 8A PK, 500ms
• HIP0080 Output Current Switching Capability:
- Each Output, IOUT . . . . . . . . . . . . . . . . . . . . . . 1.3A DC
- All Outputs ON, Unequal IOUT . . . . . . . . . . . . . .3A DC
- All Outputs ON, Unequal IOUT . . . . . . . . 4A PK, 500ms
• HIP0080 - Low Idle Current Shutdown Mode
• Regulated Interface for 5V CMOS Logic Inputs
• Open Drain High Z DATAOUT
• Fault Mode Output for Shorts, Opens and Over-Temperature
• 16-Bit Serial Diagnostic Register
• SPI Bus Compatible Data Readout
• HIP0081 - Low
JC Power Package . . . . . . . . . . . 3oC/W
•-40oC to 125oC Operating Temperature Range
Applications
• Drivers For:
• System Use:
- Solenoids
- Injectors
- Automotive
- Relays
- Steppers
- Appliances
- Power Output
- Motors
- Industrial
- Lamps
- Displays
- Robotics
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP0081AS1
-40 to 125
15 Ld SIP
Z15.05A
HIP0081AS2
-40 to 125
15 Ld SIP
Z15.05B
HIP0080AM
-40 to 125
28 Ld PLCC
N28.45


Similar Part No. - HIP0081AS2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP0081AS2 INTERSIL-HIP0081AS2 Datasheet
115Kb / 15P
Quad Inverting Power Drivers with Serial Diagnostic Interface
September 1998
HIP0081AS2 INTERSIL-HIP0081AS2 Datasheet
147Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
More results

Similar Description - HIP0081AS2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
Quad-Gated, Inverting Power Drivers
August 1997
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
Quad Inverting Power Drivers with Serial Diagnostic Interface
September 1998
HIP0082 INTERSIL-HIP0082 Datasheet
90Kb / 12P
Quad Power Drivers with Serial Diagnostic Interface
May 1998
logo
Maxim Integrated Produc...
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Cypress Semiconductor
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
Quad PLL Clock Generator with Serial Interface (I2C)
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
logo
Renesas Technology Corp
HIP0082 RENESAS-HIP0082 Datasheet
1Mb / 11P
Quad Power Drivers with Serial Diagnostic Interface
Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com