Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP0081AS2 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HIP0081AS2
Description  Quad Inverting Power Drivers with Serial Diagnostic Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0081AS2 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HIP0081AS2 Datasheet HTML 5Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 6Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 7Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 8Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 9Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 10Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 11Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 12Page - Renesas Technology Corp HIP0081AS2 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
HIP0080, HIP0081
FN3018 Rev 5.00
Page 9 of 14
November 2000
Dissipation In Multiple Outputs
The HIP0080 and HIP0081 Power Drivers have multiple MOS
Output Drivers and require special consideration with regard to
maximum current and dissipation ratings. While each output
has a maximum current specification consistent with the device
structure, all such devices on the chip can not be
simultaneously rated to the same high level of peak current.
The total combined current and the dissipation on the chip
must be adjusted for maximum allowable ratings, given
simultaneous multiple output conditions.
For the HIP0081, the maximum positive output current rating is
2.2A when one output is ON. When ALL outputs are ON, the
rating is reduced to 1.5A because the total maximum current is
limited to 6A. For any given application, all output drivers on a
chip may or may not have a different level of loading. The
discussion here is intended to provide relatively simple methods
to determine the maximum dissipation and current ratings as a
general solution and, as a special solution, when all switched
ON outputs have the same current loading.
General Solution
A general equation for dissipation should specify that the total
power dissipation in a package is the sum of all significant
elements of dissipation on the chip. However, in Power BiMOS
Circuits very little dissipation is needed to control the logic and
predriver circuits on the chip. The overall chip dissipation is
primarily the sum of the I2R dissipation losses in each channel
where the current, I is the output current and the resistance, R
is the NMOS channel resistance, rDS(ON) of each output
driver. As such, the total dissipation, PD for n output drivers is:
This expression sums the dissipation, Pk of each output driver
without regard to uniformity of dissipation in each MOS
channel. The dissipation loss in an NMOS channel is given in
Equation 2 where the current, I, is determined by the output
load when the channel is turned ON. The channel resistance,
rDS(ON) is a function of the circuit design, level of gate voltage
and the chip temperature. Other switching losses may include
I2R lost in the interconnecting metal on the chip and bond
wires of the package.
The temperature rise in the package due to the dissipation is
the product of the dissipation, PD and the thermal resistance,
JC of the package (Junction-to-Case). To determine the chip
junction temperature, TJ, given the case (heat sink tab)
temperature, TC, the linear heat flow solution is:
or:
Since this solution relates only to the package, further
consideration must be given to a practical heat sink. The
equation of linear heat flow assumes that the thermal
resistance from Junction-to-Ambient (
JA) is the sum of the
thermal resistance from Junction-to-Case and the thermal
resistance from Case (heat sink)-to-Ambient. The Junction-to-
Ambient thermal resistance,
JA is the sum of all thermal paths
from the chip junction to the ambient temperature (TA)
environment and can be expressed as:
The Junction-to-Ambient equivalent to Equation 3, 3A is:
FIGURE 4. SINGLE PULSE ENERGY TEST SHOWING THE
FAILURE BOUNDARY FOR EACH HIP0080
OUTPUT STRESSED TO POINT OF FAILURE
FIGURE 5. SINGLE PULSE ENERGY TEST SHOWING THE
FAILURE BOUNDARY FOR EACH HIP0081
OUTPUT STRESSED TO POINT OF FAILURE
0.1
1
10
100
1000
100
1000
10000
PULSE WIDTH TIME (ms)
HIP0080 SINGLE PULSE
TAMB = 25oC
SA
FE
OP
ER
AT
IN
G
AR
EA
ENERGY vs TIME
NOTE: SAFE OPERATING AREA
BELOW DOTTED LINE
0.1
1
10
100
1000
100
1000
10000
PULSE WIDTH TIME (ms)
HIP0081 SINGLE PULSE
TAMB = 25oC
ENERGY vs TIME
NOTE: SAFE OPERATING AREA
BELOW DOTTED LINE
D
Pk
k1
=
n
=
(EQ. 1)
Pk
I
2
rDS ON

=
(EQ. 2)
TJ
TC PD JC
+
=
(EQ. 3)
(EQ. 3A)
TC
TJ PD JC
–
=
JA JC CA
+
=
(EQ. 4)
TJ
TA PD JA
+
=
(EQ. 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com