Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6502BEVAL1 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP6502BEVAL1
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6502BEVAL1 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HIP6502BEVAL1 Datasheet HTML 2Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 3Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 4Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 5Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 6Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 7Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 8Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 9Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HIP6502B
FN4871 Rev.0.00
Page 6 of 14
May 2000
Functional Pin Descriptions
3V3 (Pin 7)
Connect this pin to the ATX 3.3V output. This pin provides the
output current for the 2V5CLK pin, and is monitored for power
quality.
5VSB (Pin 2)
Provide a very well de-coupled 5V bias supply for the IC to this
pin by connecting it to the ATX 5VSB output. This pin provides
the output current for the VSEN1 and VSEN2 pins, as well as
the base current for Q2. The voltage at this pin is monitored for
power-on reset (POR) purposes.
5V (Pin 18)
Connect this pin to the ATX 5V output. This pin provides the
base bias current for Q1, and is monitored for power quality.
12V (Pin 17)
Connect this pin to the ATX 12V output. This pin provides the
gate bias voltage for Q3, Q5 and Q6, and is monitored for
power quality.
GND (Pin 11)
Signal ground for the IC. All voltage levels are measured with
respect to this pin.
S3 and S5 (Pins 9 and 10)
These pins switch the IC’s operating state from active (S0,
S1/S2) to S3 and S4/S5 sleep states. These are digital inputs
featuring internal 50k
 (typical) resistor pull-ups to 5VSB.
Internal circuitry de-glitches these pins for disturbances lasting
as long as 2
s (typically). Additional circuitry blocks any illegal
state transitions (such as S3 to S4/S5 or vice versa).
Respectively, connect S3 and S5 to the computer system’s
SLP_S3 and SLP_S5 signals.
MSEL (Pin 20)
Unconnected, this pin is held at approximately 1.9V by an
internal resistor divider. Pulling this pin below 0.9V enables the
2.5VMEM output, while pulling it above 2.9V enables the
3.3VMEM output (typical voltage levels). Leaving the pin open
enables both memory regulators.
EN5VDL (Pin 8)
This pin enables or disables sleep state support on the
5VDUAL output in response to S3 and S4/S5 requests. This is
a digital input pin whose status can only be changed during
active state operation or during chip shutdown (SS pin
grounded by external open-drain device or chip bias below
POR level). The input information is latched-in when entering
a sleep state, as well as following 5VSB POR release or exit
from shutdown. EN5VDL is internally pulled high through a
40
A current source.
FAULT (Pin 12)
In case of an undervoltage on any of the outputs or on any of
the monitored ATX outputs, or in case of an overtemperature
event, this pin is used to report the fault condition by being
pulled to 5VSB.
SS (Pin 16)
Connect this pin to a small ceramic capacitor (no less than
5nF; 0.1
F recommended). The internal soft-start (SS) current
source along with the external capacitor creates a voltage
ramp used to control the ramp-up of the output voltages.
Pulling this pin low with an open-drain device shuts down all
the outputs as well as force the FAULT pin low. The CSS
capacitor is also used to provide a controlled voltage slew rate
during active-to-sleep transitions on the 3.3VDUAL, and VMEM
outputs.
VSEN2 (Pin 1)
Connect this pin to the 2.5V memory output (VOUT2). In sleep
states, this pin is regulated to 2.5V through an internal pass
transistor capable of delivering 300mA (typically). The active-
state voltage at this pin is regulated through an external NPN
transistor connected at the DRV2 pin. During all operating
states, the voltage at this pin is monitored for under-voltage
events.
DRV2 (Pin 19)
Connect this pin to the base of a suitable NPN transistor. This
pass transistor regulates the 2.5V output from the ATX 3.3V
during active states operation.
3V3DL (Pin 5)
Connect this pin to the 3.3V dual/stand-by output (VOUT3). In
sleep states, the voltage at this pin is regulated to 3.3V; in
active states, ATX 3.3V output is delivered to this node through
a fully on N-MOS transistor. During all operating states, this pin
is monitored for under-voltage events.
3V3DLSB (Pin 4)
Connect this pin to the base of a suitable NPN transistor. In
sleep state, this transistor is used to regulate the voltage at the
3V3DL pin to 3.3V.
DLA (Pin 13)
Connect this pin to the gates of suitable N-MOSFETs, which in
active state, switch in the ATX 3.3V and 5V outputs into the
3.3VMEM, 3.3VDUAL/3.3VSB and 5VDUAL outputs,
respectively.
5VDL (Pin 15)
Connect this pin to the 5VDUAL output (VOUT5). In either
operating state, the voltage at this pin is provided through a
fully on MOS transistor. This pin is also monitored for under-
voltage events.
5VDLSB (Pin 14)
Connect this pin to the gate of a suitable P-MOSFET or bipolar
PNP. In sleep state, this transistor is switched on, connecting
the ATX 5VSB output to the 5VDUAL regulator output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com