Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6502BEVAL1 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HIP6502BEVAL1
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6502BEVAL1 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HIP6502BEVAL1 Datasheet HTML 4Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 5Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 6Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 7Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 8Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 9Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 10Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 11Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
HIP6502B
FN4871 Rev.0.00
Page 8 of 14
May 2000
Not shown in these diagrams is the deglitching feature used to
protect against false sleep state tripping. Both S3 and S5 pins
are protected against noise by a 2
s filter (typically 1 - 4s).
This feature is useful in noisy computer environments if the
control signals have to travel over significant distances.
Additionally, the S3 pin features a 200
s delay in transitioning
to sleep states. Once the S3 pin goes low, an internal timer is
activated. At the end of the 200
s interval, if the S5 pin is low,
the HIP6502B switches into S5 sleep state; if the S5 pin is
high, the HIP6502B goes into S3 sleep state.
Soft-Start Circuit
SOFT-START INTO SLEEP STATES (S3, S4/S5)
The 5VSB POR function initiates the soft-start sequence. An
internal 10
A current source charges an external capacitor.
The error amplifiers reference inputs are clamped to a level
proportional to the SS (soft-start) pin voltage. As the SS pin
voltage slews from about 1.25V to 2.5V, the input clamp allows
a rapid and controlled output voltage rise.
Figure 7 shows the soft-start sequence for the typical
application start-up in sleep state with all output voltages
enabled. At time T0 5VSB (bias) is applied to the circuit. At
time T1 the 5VSB surpasses POR level. An internal fast
charge circuit quickly raises the SS capacitor voltage to
approximately 1V, then the 10
A current source continues the
charging. The soft-start capacitor voltage reaches
approximately 1.25V at time T2, at which point the
3.3VDUAL/3.3VSB error amplifier’s reference input starts its
transition, causing the output voltage to ramp up proportionally.
The ramp-up continues until time T3 when the
3.3VDUAL/3.3VSB voltage reaches the set value. After this
output reached its set value, as the soft-start capacitor voltage
reaches approximately 2.75V, the under-voltage monitoring
circuit of this output is activated and the soft-start capacitor is
quickly discharged to approximately 1.25V. Following the 3ms
(typical) time-out between T3 and T4, the MSEL and EN5VDL
selections are latched in, and the soft-start capacitor
commences a second ramp-up designed to smoothly bring up
the remainder of the voltages required by the system. At time
T5 all voltages are within regulation limits, and as the SS
voltage reaches 2.75V, all the remaining UV monitors are
activated and the SS capacitor is quickly discharged to 1.25V,
where it remains until the next transition.
FIGURE 5. 5VDUAL TIMING DIAGRAM FOR EN5VDL = 0;
3VDUAL/3VSB
5VSB
3.3V,
S3
S5
5VDLSB
DLA
3V3DLSB
3V3DL
5VDL
5V, 12V
FIGURE 6. 2.5VMEM, 3.3VMEM, AND 2.5VCLK TIMING
DIAGRAM; MSEL FLOATING (NOT CONNECTED)
5VSB
3.3V,
S3
S5
DRV2
VSEN1, 2
VSEN2
INTERNAL
DEVICES
VCLK
DLA
VSEN1
5V, 12V
FIGURE 7. SOFT-START INTERVAL IN A SLEEP STATE
(ALL OUTPUTS ENABLED)
0V
0V
TIME
SOFT-START
(1V/DIV)
OUTPUT
(1V/DIV)
VOLTAGES
VOUT1 (3.3VMEM)
VOUT2
VOUT5 (5VDUAL)
T1 T2
T3
T0
5VSB
(1V/DIV)
T5
T4
VOUT3 (3.3VDUAL/3.3VSB)
(2.5VMEM)
VOUT4
(2.5VCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com