Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6502BEVAL1 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HIP6502BEVAL1
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6502BEVAL1 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HIP6502BEVAL1 Datasheet HTML 6Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 7Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 8Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 9Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 10Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 11Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 12Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 13Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
HIP6502B
FN4871 Rev.0.00
Page 12 of 14
May 2000
HIP6502B. The solution to a potential problem such as this is
using larger input capacitors with a lower total combined ESR.
Transistor Selection/Considerations
The HIP6502B usually requires one P-Channel (or bipolar
PNP), three N-Channel MOSFETs and two bipolar NPN
transistors.
One important criteria for selection of transistors for all the
linear regulators/switching elements is package selection for
efficient removal of heat. The power dissipated in a linear
regulator/switching element is:
Select a package and heatsink that maintains the junction
temperature below the rating with the maximum expected
ambient temperature.
Q1
The active element on the 2.5VMEM output has to be a bipolar
NPN capable of conducting the maximum active memory
current and exhibit a current gain (hfe) of minimum 40 at this
current and 0.7V VCE.
Q2
The NPN transistor used as sleep state pass element (Q2) on
the 3.3VDUAL output has to have a minimum current gain of
100 at 1.5V VCE and 500mA ICE throughout the in-circuit
operating temperature range.
Q3, Q4, Q6
The three N-Channel MOSFETs are used to switch the 3.3V
and 5V inputs provided by the ATX supply into the 3.3VMEM,
3.3VDUAL/3.3VSB, and 5VDUAL outputs, while in active (S0,
S1) state. The main criteria for the selection of these
transistors is output voltage budgeting. The maximum rDS(ON)
allowed at highest junction temperature can be expressed with
the following equation:
, where
VINmin - minimum input voltage
VOUTmin - minimum output voltage allowed
IOUTmax - maximum output current
The gate bias available for these MOSFETs is of the order of
8V.
Q5
If a P-Channel MOSFET is used to switch the 5VSB output of
the ATX supply into the 5VDUAL output during S3 and S5
states (as dictated by EN5VDL status), then the selection
criteria of this device is proper voltage budgeting. The
maximum rDS(ON), however, has to be achieved with only
4.5V of VGS, so a logic level MOSFET needs to be selected. If
a PNP device is chosen to perform this function, it has to have
a low saturation voltage while providing the maximum sleep
current and have a current gain sufficiently high to be saturated
using the minimum drive current (typically 20mA).
PLINEAR
IO VIN VOUT
–

=
rDS ON
max
VINmin VOUTmin
–
IOUTmax
---------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com