Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTP9167 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # IDTP9167
Description  5.5A Distributed Power Unit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9167 Datasheet(HTML) 3 Page - Renesas Technology Corp

  IDTP9167 Datasheet HTML 1Page - Renesas Technology Corp IDTP9167 Datasheet HTML 2Page - Renesas Technology Corp IDTP9167 Datasheet HTML 3Page - Renesas Technology Corp IDTP9167 Datasheet HTML 4Page - Renesas Technology Corp IDTP9167 Datasheet HTML 5Page - Renesas Technology Corp IDTP9167 Datasheet HTML 6Page - Renesas Technology Corp IDTP9167 Datasheet HTML 7Page - Renesas Technology Corp IDTP9167 Datasheet HTML 8Page - Renesas Technology Corp IDTP9167 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
January 28, 2014
3
IDTP9167
Advanced Datasheet
ELECTRICAL CHARACTERISTICS
VPVIN = 8V, VSYS = 5V, VO = 1V, L = 0.47µH, COUT = 2 x 47µF, CPVIN = 2 x 10µF, CVSYS = 4.7μF, CVPG = 1.0μF, TA = 25°C, unless otherwise
noted.
Table 4 – Electrical Characteristics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPVIN
PVIN supply voltage range
PVIN must be greater than VSYS by
0.6V at all times, including during start-
up and shut-down supply sequencing
5.6
12.6
V
VSYS
VSYS supply input
4.5
5.5
V
VPG
High-side LDO output voltage PVIN ≥ VSYS + 0.5V
PVIN -
VSYS
V
ISHDN(PVIN)
PVIN shutdown current
VSYS = 0V or DIO = 0V
1
2
μA
ISHDN(VSYS)
VSYS shutdown current
DIO = 0V
1
μA
IQ(PVIN)
PVIN quiescent current
Standby mode: DIO = high, DIF = low
3
5
μA
Idle mode: DIO = high, DIF = active
LX not switching
200
275
μA
IQ(VSYS)
VSYS quiescent current
Standby mode: DIO = high, DIF = low
100
150
μA
Idle mode: DIO = high, DIF = active
LX not switching
300
375
μA
IOP(PVIN)
PVIN operating supply
current
Active mode, switching, no load
8
18
mA
IOP(VSYS)
VSYS operating supply
current
Active mode, switching, no load
6
10
mA
IOUT
Continuous output current
TJ < 115°C, Efficiency = 80%
(GBD)
3.5
A
IPULSE
Maximum pulse load current
Pulse duration < 1ms
Pulse duty-cycle < 0.1%
5.5
A
R(on)
High side switch
100
150
mΩ
Low side switch
35
55
mΩ
fSW
Switching frequency
Set by half of DIF input frequency
0.5 x fDIF
MHz
ILIM
LX peak current limit
Occurs at max DIF duty-cycle of 83%
5.9
A
TSD
Thermal shutdown
temperature
(GBD)
127
135
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com