Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTP9167 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # IDTP9167
Description  5.5A Distributed Power Unit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9167 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button IDTP9167 Datasheet HTML 2Page - Renesas Technology Corp IDTP9167 Datasheet HTML 3Page - Renesas Technology Corp IDTP9167 Datasheet HTML 4Page - Renesas Technology Corp IDTP9167 Datasheet HTML 5Page - Renesas Technology Corp IDTP9167 Datasheet HTML 6Page - Renesas Technology Corp IDTP9167 Datasheet HTML 7Page - Renesas Technology Corp IDTP9167 Datasheet HTML 8Page - Renesas Technology Corp IDTP9167 Datasheet HTML 9Page - Renesas Technology Corp IDTP9167 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
January 28, 2014
6
IDTP9167
Advanced Datasheet
PIN DESCRIPTION
Table 5 – 12-ld DFN Pin Functions by Pin Number
NUMBER LABEL TYPE DESCRIPTION
1
DIF
I
Digital interface to the host PMIC:
1.8V logic input
2
SGND
A
DIF/DIO signal ground reference:
Connect directly to ground plane
3
RSET
A
RSET resistor connection:
Connect to device identification resistor
4
LX
A
Switching node inductor connection:
Connect to either 0.47µH or 1µH inductor depending on application
5
6
7
PGND
A
Device ground:
Connect pins to EPAD ground connection directly below the device
8
9
PVIN
A
Main supply input:
Connect 2x10µF capacitors directly between PVIN & PGND pins (no Via)
Capacitor may be connected to ground plane instead when PVIN supply plane is stacked adjacent to the
ground plane. Use at least 4 Vias for each capacitor connection.
10
VPG
A
High-side Regulator output capacitor connection:
Connect 1.0µF capacitor directly between VPG & PVIN pin (no Via)
11
VSYS
A
5V system supply input:
Connect 4.7µF capacitor directly between VSYS & PGND pins (no Via)
12
DIO
IO
Digital interface to the host PMIC:
Bi-directional 1.8V logic input & open-drain output
13
EPAD
A
Thermal ground:
At least 10 Vias should be used to connect the EPAD to the ground plane directly below the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com