Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTP9167 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # IDTP9167
Description  5.5A Distributed Power Unit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9167 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button IDTP9167 Datasheet HTML 4Page - Renesas Technology Corp IDTP9167 Datasheet HTML 5Page - Renesas Technology Corp IDTP9167 Datasheet HTML 6Page - Renesas Technology Corp IDTP9167 Datasheet HTML 7Page - Renesas Technology Corp IDTP9167 Datasheet HTML 8Page - Renesas Technology Corp IDTP9167 Datasheet HTML 9Page - Renesas Technology Corp IDTP9167 Datasheet HTML 10Page - Renesas Technology Corp IDTP9167 Datasheet HTML 11Page - Renesas Technology Corp IDTP9167 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
January 28, 2014
8
IDTP9167
Advanced Datasheet
DIF Signal Integrity Calibration
Depending on the number of DPUs attached, the host automatically configures its DIO and DIF I/O drivers to provide the best
signal quality. Varying line capacitance can change the rise and fall times of the DIF clock pulses and distort the perceived
duty-cycle of the signal, which represents the output current. To minimize this distortion, the DIF channel is calibrated at start-
up and re-calibrated whenever possible to ensure the control transfer function is maintained in each of the DPUs across all
bus loading conditions. As a result, the individual DPUs could be located away from the host PMIC, virtually anywhere on the
board where space and thermal dissipation allows.
PHASE ACTIVATION AND PHASE SHEDDING CONTROL
Individual DPU phases are automatically shut off sequentially, starting with the highest ID first, as load current demand
decreases. When load demand returns, all phases will be switched-on at the same time to minimize the output voltage droop
due to the load step. Both current and time hysteresis are built into the phase activation/shedding decision circuitry in the host
PMIC to ensure stable operation. Phase activation and phase shedding control is achieved by specific pulse detection on the
DIO line. Phase-shedding is not supported when the DPUs are connected to the host PMIC’s integrated controller.
PFM MODE SUPPORT
When the IDTP9167 DPUs are connected to an existing Buck regulator rail of the IDTP9165, PFM mode operation is provided
by the power stage on board the IDTP9165, and occurs at light load after all DPU phases have been shed.
When the DPUs are used in conjunction with the IDTP9165 PMIC’s integrated controller, PFM mode operation is serviced by
the DPUs themselves. During PFM operation, the DPUs burst on and off concurrently at intervals controlled by the host
PMIC’s controller to maintain output voltage level.
THERMAL SHUTDOWN
Thermal shutdown occurs when die temperature exceeds 135°C. Once Thermal Shutdown occurs, the particular DPU will
permanently be disabled until the output voltage rail is power-cycled. Until then, the host PMIC’s integrated power stage and
remaining DPUs will have to absorb the extra load current. Thermal Shutdown on an individual DPU will not affect the output
voltage rail unless the host PMIC over-heats and shuts down as well, or if only one DPU is used in conjunction with the
PMIC’s integrated controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com