Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3768 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3768
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3768 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3768 Datasheet HTML 1Page - Diodes Incorporated AP3768 Datasheet HTML 2Page - Diodes Incorporated AP3768 Datasheet HTML 3Page - Diodes Incorporated AP3768 Datasheet HTML 4Page - Diodes Incorporated AP3768 Datasheet HTML 5Page - Diodes Incorporated AP3768 Datasheet HTML 6Page - Diodes Incorporated AP3768 Datasheet HTML 7Page - Diodes Incorporated AP3768 Datasheet HTML 8Page - Diodes Incorporated AP3768 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP3768
Document number: DS37715 Rev. 2 - 2
4 of 9
www.diodes.com
July 2017
© Diodes Incorporated
AP3768
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Power Supply Voltage
12
30
V
TA
Ambient Temperature
-40
+85
°C
Electrical Characteristics (VCC=15V, TA=-40 to +85°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UVLO SECTION
VTH (ST)
Start-up Threshold
17
18.5
21
V
VOPR(min)
Minimal Operating Voltage
8.2
9.2
10.2
V
REFERENCE VOLTAGE
VBIAS
BIAS Pin Voltage
RBIAS=200k, After Turn On
1.0
1.1
1.2
V
STANDBY CURRENT SECTION
IST
Start-up Current
VCC=VTH (ST)-0.5V, RBIAS=200k,
Before start-up
0.6
A
ICC(OPR)
Operating Current
RBIAS=200k
390
480
A
DRIVE OUTPUT SECTION
IOUT
OUT Maximum Current
Source
RBIAS=200k
28
36
44
mA
CURRENT SENSE SECTION
VCS
Current Sense Threshold
490
513
535
mV
VCS(PRE)
Pre-Current Sense
390
413
435
mV
Leading Edge Blanking
500
–
ns
FEEDBACK INPUT SECTION
IFB
Feedback Pin Input Leakage Current
VFB=4V
1.8
2.4
3.0
A
VFB
Feedback Threshold
3.97
4.03
4.09
V
VFB(EN)
Enable Turn-on Voltage
-2.0
-1.7
-1.4
V
OUTPUT VOLTAGE COMPENSATION SECTION
VCPR
CPR Voltage
DONS (tONS/t): from 55% to 0.02%
1.5
3.5
V
ICPR
CPR Sink Current
200
A
PROTECTION SECTION
VFB(OVP)
Over Voltage Protection
7
8
9
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com