Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3768 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3768
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3768 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3768 Datasheet HTML 1Page - Diodes Incorporated AP3768 Datasheet HTML 2Page - Diodes Incorporated AP3768 Datasheet HTML 3Page - Diodes Incorporated AP3768 Datasheet HTML 4Page - Diodes Incorporated AP3768 Datasheet HTML 5Page - Diodes Incorporated AP3768 Datasheet HTML 6Page - Diodes Incorporated AP3768 Datasheet HTML 7Page - Diodes Incorporated AP3768 Datasheet HTML 8Page - Diodes Incorporated AP3768 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP3768
Document number: DS37715 Rev. 2 - 2
3 of 9
www.diodes.com
July 2017
© Diodes Incorporated
AP3768
Functional Block Diagram
Regulator
&
Bias
OVP
&
OCkP
pfm
tONS
UVLO
COMP
EA
UVLO
CV_ctrl
pfm
Driver
R Q
S
R
Q
S
tONS
CC_CTRL
FB
CS
CPC
VCC
BIAS
OUT
GND
CPR
Cable
Compensation
Constant Voltage
Control
Peak Voltage
Control &LEB
Constant Current
Control
tONSEC
Detector
0.1V
VFB
1
2
3
4
5
7
6
8
Absolute Maximum Ratings (Note 4)
Parameter
Rating
Unit
Voltage at VCC Pin to GND
-0.3 to 36
V
Voltage at CS, OUT to GND
-0.3 to 7
V
FB Input
-40 to 10
V
Output Current at OUT
Internally limited
A
Operating Junction Temperature
+150
oC
Storage Temperature
-65 to +150
oC
Lead Temperature (Soldering, 10s)
+300
oC
Thermal Resistance Junction-to-Ambient
190
oC/W
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
Note 4: Stresses greater than
those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com