Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3768 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3768
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3768 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3768 Datasheet HTML 1Page - Diodes Incorporated AP3768 Datasheet HTML 2Page - Diodes Incorporated AP3768 Datasheet HTML 3Page - Diodes Incorporated AP3768 Datasheet HTML 4Page - Diodes Incorporated AP3768 Datasheet HTML 5Page - Diodes Incorporated AP3768 Datasheet HTML 6Page - Diodes Incorporated AP3768 Datasheet HTML 7Page - Diodes Incorporated AP3768 Datasheet HTML 8Page - Diodes Incorporated AP3768 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP3768
Document number: DS37715 Rev. 2 - 2
2 of 9
www.diodes.com
July 2017
© Diodes Incorporated
AP3768
Typical Applications Circuit
+
J1
AC85-
264V
C1
R1
+
C2
R12
D2
D3
C11
L1
T1
D1
C3
CN1
C7
+
R8
FB
R13
R5
R16
OUT
VCC
R6
R2
R15
CS
CPR
R7
C4
U1
CPC
BIAS
GND
L2
R11
+
C5
C6
R14
D4~D7
R3
R4
AP3768
R10
R9
Q1
5V/700mA
5V/0.7A Output for Battery Charger of Mobile Phone
Pin Descriptions
Pin Number
Pin Name
Function
1
CS
The primary current sense
2
VCC
Supply voltage
3
OUT
This pin drives the base of external power NPN switch
4
GND
Ground
5
CPC
This pin connects a capacitor for output cable compensation
6
FB
The voltage feedback from the auxiliary winding
7
CPR
Connects a resistor to FB pin for adjustable output cable compensation
8
BIAS
This pin sets the bias current inside AP3768 with an external resistor to GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com