Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6239B-AFPG3 Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # U6239B-AFPG3
Description  2.9 GHz PLL for SAT TV Tuner with UNi-Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6239B-AFPG3 Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button U6239B-AFPG3 Datasheet HTML 3Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 4Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 5Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 6Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 7Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 8Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 9Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 10Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 11Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
U6239B
TELEFUNKEN Semiconductors
Rev. A3, 28-May-97
7 (15)
I2C Bus Description (continued)
Reference divider selection RD1, RD2, RD3:
RD3
RD2
RD1
Reference
Divider Ratio
Frequency
Step Size*
Max. Operating
Frequency*
1
1
1
1
0
0
1
1
0
1
0
1
1024
off
256
512
62.5 kHz
–
250 kHz
125 kHz
2.047 GHz
–
2.9 GHz
2.9 GHz
0
0
0
0
0
0
1
1
0
1
0
1
140
25
250
50
457.14 kHz
2560 kHz
256 kHz
1280 kHz
2.9 GHz
2.9 GHz
2.9 GHz
2.9 GHz
* when a 4MHz crystal is used
Address selection AS1, AS2, AMS:
AMS
Voltage at Pin 3
AS1
AS2
Address
Dec. Value
Voltage at Pin 10
< 0.8 V or open
< 0.8 V or open
< 0.8 V or open
< 0.8 V or open
0
0
1
1
0
1
0
1
C0
C2
C4
C6
192
194
196
198
0 to 10% VS
always valid
40 to 60% VS
90% VS to 13.2 V
> 2.4
> 2.4
> 2.4
> 2.4
0
0
1
1
0
1
0
1
C0
C2
C4
C6
192
194
196
198
0 to 10% VS
open
40 to 60% VS
90% VS to VS
Read Mode (Address byte LSB = 1)
After the address transmission (first byte), the status byte
can be read from the device on the SDA line (MSB first).
Data is valid on the SDA line during logic high of the SCL
signal. The controller accepting the data has to pull the
SDA line to low-level during all status-byte acknowledge
periods to read another status byte. If the controller fails
to pull the SDA line to low-level during this period, the
device will then release the SDA line to allow the
controller to generate a STOP condition.
The POR bit (power-on-reset) is set to a logic 1 when the
supply voltage VS of the device has dropped below 3 V
(at 25
°C) and also when the device is initially turned on.
The POR bit is reset to a logic 0 when the read sequence
is terminated by a STOP condition. When the POR bit is
set high (at low VS), this indicates that all the
programmed information is lost and the port outputs are
all set to high impedance state.
The FL bit indicates whether the loop is in phase lock
condition (logic 1) or not (logic 0).
If the ADC or the ports are to be used as inputs, the
corresponding outputs must be programmed to a high
impedance state (logic 1).
The bits I2, I1 and I0 show the status of the I/O ports P7,
P5 and P4 respectively. A logic 0 indicates a LOW level
and a logic 1 a HIGH level (TTL levels).
The bits A2, A1 and A0 represent the digital information
of the 5-level ADC. This converter can be used to feed
AFC information to the controller from the IF section of
the receiver, as shown in the typical application circuit on
page 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com