Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6239B-AFPG3 Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # U6239B-AFPG3
Description  2.9 GHz PLL for SAT TV Tuner with UNi-Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6239B-AFPG3 Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button U6239B-AFPG3 Datasheet HTML 4Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 5Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 6Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 7Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 8Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 9Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 10Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 11Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
U6239B
TELEFUNKEN Semiconductors
Rev. A3, 28-May-97
8 (15)
I2C Bus Description (continued)
Description
I2C Bus Read Data Format
MSB
LSB
Address byte
1
1
0
0
0
AS1
AS2
1
A
Status byte
POR
FL
I2
I1
I0
A2
A1
A0
–
POR :
Power-on reset flag:
POR = 1 on power on
FL :
In-lock flag:
FL = 1, when loop is phase locked
I2, I1, I0 :
Digital information of I/O-ports P7, P5 and P4 respectively
A2, A1, A0 : Digital data of the 5-level ADC.
see next table
A/D Converter Levels:
A2
A1
A0
Input voltage to ADC Pin 9
1
0
0
60% Vs to 13.2 V
0
1
1
45% to 60% Vs
0
1
0
30% to 45% Vs
0
0
1
15% to 30% Vs
0
0
0
0 V to 15% Vs
I2C Bus Pulse Diagram
Address byte
/ A /
/ A /
1.Byte
/ A /
2.Byte
/ A /
3.Byte
4.Byte
/ A /
SDA
SCL
START
1
2
3
4
5
6
7
8
9
8
1...
9
8
1...
9
1...
8
9
1...
8
STOP
9
9611811
Data transfer examples
START – ADR – PDB1 – PDB2 – CB1 – CB2 – STOP
START – ADR – CB1 – CB2 – PDB1 – PDB2 – STOP
START – ADR – PDB1 – PDB2 – CB1 – STOP
START – ADR – PDB1 – PDB2 – STOP
START – ADR – CB1 – CB2 – STOP
START – ADR – CB1 – STOP
Description
START
= Start condition
ADR
= Address byte
PDB1
= Programmable divider byte 1
PDB2
= Programmable divider byte 2
CB1
= Control byte 1
CB2
= Control byte 2
STOP
= Stop condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com