Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6239B-AFPG3 Datasheet(PDF) 14 Page - TEMIC Semiconductors

Part # U6239B-AFPG3
Description  2.9 GHz PLL for SAT TV Tuner with UNi-Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6239B-AFPG3 Datasheet(HTML) 14 Page - TEMIC Semiconductors

Back Button U6239B-AFPG3 Datasheet HTML 7Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 8Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 9Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 10Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 11Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 12Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 13Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 14Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 15Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
U6239B
TELEFUNKEN Semiconductors
Rev. A3, 28-May-97
14 (15)
Application Circuit
4 MHz
18 p
f
f
SAT–Tuner
f
RFi
Vs
GND
AS / ENABLE / P3
U6239B
12
15
10
14
13
2
3
1
16
11
5
4
SCL
SDA
33V
22k
39k
22n
1 n
1 n
100n
IF
VCO
SAT
8
6
P5
P7
P0 / Lock
7
ADC
P4
9
100 p
AFC
RDS/AMS
9611879
from/to
mC
Figure 13.
Package Information
13036
technical drawings
according to DIN
specifications
Package SO16
Dimensions in mm
10.0
9.85
8.89
0.4
1.27
1.4
0.25
0.10
5.2
4.8
3.7
3.8
6.15
5.85
0.2
16
9
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com