Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6439CBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6439CBZ
Description  Single Sync Buck PWM Controller for Broadband Gateway Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6439CBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6439CBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN9057.6
September 15, 2015
the modulator is simply the input voltage (VIN) divided by the
peak-to-peak oscillator voltage
VOSC.
Modulator Break Frequency Equations
The compensation network consists of the error amplifier
(internal to the ISL6439) and the impedance networks ZIN
and ZFB. The goal of the compensation network is to provide
a closed loop transfer function with the highest 0dB crossing
frequency (f0dB) and adequate phase margin. Phase margin
is the difference between the closed loop phase at f0dB and
180 degrees. The expressions in Equation 5 relate the
compensation network’s poles, zeros and gain to the
components (R1, R2, R3, C1, C2, and C3) in Figure 5. Use
these guidelines for locating the poles and zeros of the
compensation network:
1. Pick gain (R2/R1) for desired converter bandwidth.
2. Place first zero below filter’s double pole (~75% FLC).
3. Place second zero at filter’s double pole.
4. Place first pole at the ESR zero.
5. Place second pole at half the switching frequency.
6. Check gain against error amplifier’s open-loop gain.
7. Estimate phase margin - repeat if necessary.
Compensation Break Frequency Equations
Figure 6 shows an asymptotic plot of the DC/DC converter’s
gain vs frequency. The actual Modulator Gain has a high gain
peak due to the high Q factor of the output filter and is not
shown in Figure 6. Using the above guidelines should give a
Compensation Gain similar to the curve plotted. The open
loop error amplifier gain bounds the compensation gain.
Check the compensation gain at FP2 with the capabilities of
the error amplifier. The Closed Loop Gain is constructed on
the graph of Figure 6 by adding the Modulator Gain (in dB) to
the Compensation Gain (in dB). This is equivalent to
multiplying the modulator transfer function to the
compensation transfer function and plotting the gain.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth (BW) overall
loop. A stable control loop has a gain crossing with
-20dB/decade slope and a phase margin greater than 45
degrees. Include worst case component variations when
determining phase margin.
Component Selection Guidelines
Charge Pump Capacitor Selection
A capacitor across pins CT1 and CT2 is required to create
the proper bias voltage for the ISL6439 when operating the
IC from 3.3V. Selecting the proper capacitance value is
important so that the bias current draw and the current
required by the MOSFET gates do not overburden the
FIGURE 5. VOLTAGE-MODE BUCK CONVERTER
COMPENSATION DESIGN
VOUT
REFERENCE
LO
CO
ESR
VIN
VOSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
ZFB
+
-
REFERENCE
R1
R3
R2
C3
C1
C2
COMP
VOUT
FB
ZFB
ISL6439
ZIN
COMPARATOR
DRIVER
DETAILED COMPENSATION COMPONENTS
PHASE
VE/A
+
-
+
-
ZIN
OSC
FLC
1
2
 x L
O x CO
------------------------------------------
=
FESR
1
2
 x ESR x C
O
-------------------------------------------
=
(EQ. 4)
FZ2
1
2
 x R
1
R3
+
 x C
3
-------------------------------------------------------
=
FP1
1
2
 x R
2 x
C1 x C2
C1 C2
+
----------------------



---------------------------------------------------------
=
FP2
1
2
 x R
3 x C3
------------------------------------
=
FZ1
1
2
 R
2
C2
----------------------------------
=
(EQ. 5)
FIGURE 6. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
100
80
60
40
20
0
-20
-40
-60
FP1
FZ2
10M
1M
100K
10K
1K
100
10
OPEN LOOP
ERROR AMP GAIN
FZ1
FP2
FLC
FESR
COMPENSATION
FREQUENCY (Hz)
GAIN
MODULATOR
GAIN
LOOP GAIN
20
VIN
VOSC
----------------



log
20
R2
R1
--------


log
ISL6439, ISL6439A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com