Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6439CBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6439CBZ
Description  Single Sync Buck PWM Controller for Broadband Gateway Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6439CBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6439CBZ Datasheet HTML 1Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 2Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 3Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN9057.6
September 15, 2015
Pinouts
ISL6439, ISL6439A
(14 LEAD SOIC)
TOP VIEW
ISL6439, ISL6439A
(16 LEAD 5x5 QFN)
TOP VIEW
12
14
13
4
3
2
1
LGATE
CPVOUT
UGATE
PHASE
VCC
BOOT
GND
CT1
11
7
6
5
9
8
10
CT2
OCSET
FB
CPGND
ENABLE
COMP
1
3
4
15
CPVOUT
CT1
CT2
OCSET
16
14
13
2
12
10
9
11
6
57
8
PHASE
VCC
CPGND
NC
Ordering Information
PART NUMBER
(See Note)
PART MARKING
TEMP RANGE (°C)
PACKAGE
(RoHS Compliant)
PKG DWG. #
ISL6439CBZ (No longer
available, recommended
replacement: ISL6439IBZ)
6439CBZ
0 to +70
14 lead SOIC
M14.15
ISL6439IBZ
6439IBZ
-40 to +85
14 lead SOIC
M14.15
ISL6439AIBZ
6439AIBZ
-40 to +85
14 lead SOIC
M14.15
ISL6439IRZ (No longer
available or supported)
ISL6439 IRZ
-40 to +85
16 Lead 5x5 QFN
L16.5x5B
ISL6439AIRZ (No longer
available or supported)
ISL6439 AIRZ
-40 to +85
16 Lead 5x5 QFN
L16.5x5B
ISL6439EVAL1
ISL6439 SOIC Evaluation Board
*Add “-T” suffix to part number for tape and reel packaging. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
ISL6439, ISL6439A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com