Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6439CBZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6439CBZ
Description  Single Sync Buck PWM Controller for Broadband Gateway Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6439CBZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6439CBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6439CBZ Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
FN9057.6
September 15, 2015
recommended to minimize the voltage drop across the
bootstrap capacitor during the on-time of the upper
MOSFET. Initial calculations with VBOOT2 no less than 4V
will quickly help narrow the bootstrap capacitor range.
For example, consider an upper MOSFET is chosen with a
maximum gate charge, Qg, of 100nC. Limiting the voltage
drop across the bootstrap capacitor to 1V results in a value
of no less than 0.1
F. The tolerance of the ceramic capacitor
should also be considered when selecting the final bootstrap
capacitance value.
A fast recovery diode is recommended when selecting a
bootstrap diode to reduce the impact of reverse recovery
charge loss. Otherwise, the recovery charge, QRR, would
have to be added to the gate charge of the MOSFET and
taken into consideration when calculating the minimum
bootstrap capacitance.
ISL6439 DC/DC Converter Application
Circuit
Figure 8 shows an application circuit of a DC/DC Converter.
Detailed information on the circuit, including a complete
Bill-of-Materials and circuit board description, can be found
in the ISL6439 Application Note.
Component Selection Notes:
C3,8,9 - Each 150F, Panasonic EEF-UE0J151R or Equivalent.
D1 - 30mA Schottky Diode, MA732 or Equivalent
L1 - 1H Inductor, Panasonic P/N ETQ-P6F1ROSFA or Equivalent.
Q1- Fairchild MOSFET; ITF86110DK8.
2.5V @ 5A
FB
COMP
UGATE
PHASE
BOOT
GND
LGATE
ISL6439
R3
R5
C10
C11
R2
L1
D1
C7
C1
C4
C6
C8,9
OCSET
CPVOUT
C3
R1
Q1
CT1
CT2
CPGND
VCC
3.3V
C5
C2
C12
R4
GND
U1
GND
14
1
2
3
4
5
8
6
7
9
10
11
12
13
TP1
TP3
ENABLE
9.76k
6.49k
2.26k
124
0.1
F
1000pF
10
F
0.22
F
1
F
0.1
F
33pF
5600pF
8200pF
1.07k
Ceramic
ENABLE
FIGURE 8. 3.3V to 2.5V 5A DC/DC CONVERTER
ISL6439, ISL6439A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com