Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8200AMMREP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL8200AMMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMMREP Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL8200AMMREP Datasheet HTML 1Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 2Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 3Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 4Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 5Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 6Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 7Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ISL8200AMM
FN8287 Rev 2.00
Page 5 of 24
June 3, 2015
23
NC
Not internal connected
PD1 Phase Thermal Pad Used for both the PHASE pin (Pin # 16) and for heat removal connecting to heat dissipation layers using vias. Connect this
pad to a copper island on the PCB board with the same shape as the pad; this is electrically connected to PHASE pin 16.
PD2 PVIN Thermal Pad Used for both the PVIN pin (Pin # 17) and for heat removal connecting to heat dissipation layers using vias. Connect this pad
to a copper island on the PCB board with the same shape as the pad; this is electrically connected to PVIN pin 17.
PD3 PGND Thermal Pad Used for both the PGND pin (Pin # 18) and for heat removal connecting to heat dissipation layers using vias. Connect this pad
to a copper island on the PCB board with the same shape as the pad; this is electrically connected to PGND pin 18.
PD4 VOUT Thermal Pad Used for both the VOUT pin (Pin # 19) and for heat removal connecting to heat dissipation layers using vias. Connect this pad
to a copper island on the PCB board with the same shape as the pad; this is electrically connected to VOUT pin 19.
Pin Descriptions (Continued)
PIN #
PIN NAME
PIN DESCRIPTION
Typical Application Circuits
FIGURE 3. SINGLE PHASE 10A 1.2V OUTPUT CIRCUIT
ISFETDRV
ISHARE_BUS
CLKOUT
FSYNC_IN
EN
FF
VIN
PVIN
VOUT
VOUT_SET
VSEN_REM-
PGOOD
PH_CNTRL
VCC
ISL8200AMMREP
VOUT
PGOOD
ISFETDRV1
RSET
VCC
PVIN
GROUND
VOUT
GROUND
2.2k
SET R1 AND R2 SUCH THAT
0.8V ≤ VEN ≤ 5.0V
RSET CAN CHANGE VOUT
DO NOT TIE EN DIRECTLY TO A POWER SOURCE
REFER TO TABLE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com