Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8200AMMREP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL8200AMMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMMREP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL8200AMMREP Datasheet HTML 6Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 7Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 9Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 10Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 11Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 12Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 13Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ISL8200AMM
FN8287 Rev 2.00
Page 10 of 24
June 3, 2015
Typical Performance Characteristics
Efficiency Performance
TA = +25°C, PVIN = VIN, CIN = 220µFx1, 10µF/Ceramic x 2, COUT = 47µF/Ceramic x 8.
FIGURE 6. EFFICIENCY vs LOAD CURRENT (5VIN)
FIGURE 7. EFFICIENCY vs LOAD CURRENT (12VIN)
FIGURE 8. EFFICIENCY vs LOAD CURRENT (20VIN)
FIGURE 9. 1.2V TRANSIENT RESPONSE
60
65
70
75
80
85
90
95
100
06
10
LOAD CURRENT (A)
2.5V
1.5V
1.2V
0.8V
24
8
3.3V
60
65
70
75
80
85
90
95
100
LOAD CURRENT (A)
5.0V
06
10
24
8
2.5V
1.5V
1.2V
0.8V
3.3V
60
65
70
75
80
85
90
95
100
LOAD CURRENT (A)
5.0V
06
10
2.5V
1.5V
1.2V
24
8
3.3V
VIN = 12V
VOUT = 1.2V
IOUT = 0A TO 5A
VOUT
Typical Performance Characteristics (Continued)
Transient Response Performance TA = +25°C, PVIN = VIN = 12V, CIN = 220µFx1, 10µF/Ceramic x 2, COUT = 47µF/Ceramic x 8
IOUT = 0A to 5A, Current slew rate = 2.5A/µs
FIGURE 10. 1.5V TRANSIENT RESPONSE
FIGURE 11. 1.8V TRANSIENT RESPONSE
VIN = 12V
VOUT = 1.5V
IOUT = 0A TO 5A
VOUT
VIN = 12V
VOUT = 1.8V
IOUT = 0A TO 5A
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com