Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8200AMMREP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL8200AMMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMMREP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL8200AMMREP Datasheet HTML 5Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 6Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 7Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 9Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 10Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 11Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 12Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ISL8200AMM
FN8287 Rev 2.00
Page 9 of 24
June 3, 2015
OVER-TEMPERATURE PROTECTION CONTROLLER JUNCTION TEMPERATURE
Over-Temperature Trip
150
°C
Over-Temperature Release Threshold
125
°C
INTERNAL COMPONENT VALUES
Internal Resistor Between PVCC and
VCC pin
RCC
5
Ω
Internal Resistor Between PHASE and
OCSET Pins
RISEN-IN
2.2
kΩ
Internal Resistor Between FSYNC_IN
and PGND1 Pins
RFS
59
kΩ
Internal Resistor Between PGOOD and
VCC Pins
RPG
10
kΩ
Internal Resistor Between CLKOUT and
VCC Pins
RCLK
10
kΩ
Internal Resistor Between PH_CNTRL
and VCC Pins
RPHC
10
kΩ
Internal Resistor Between VOUT_SET
and VSEN_REM- pin
ROS1
2.2
kΩ
NOTES:
5. Parameters with TYP limits are not production tested, unless otherwise specified.
6. Parameters with MIN and/or MAX limits are 100% tested for internal IC prior to module assembly, unless otherwise specified. Temperature limits
established by characterization and are not production tested.
7. Refer to Defense Logistics Agency (DLA) drawing number V62/10608-02XB for min/max parameters.
Electrical Specifications Boldface limits apply across the operating temperature range, -55°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 5)
MAX
(Note 6)
UNIT
ISFETDRV
ISHARE_BUS
CLKOUT
FSYNC_IN
EN
FF
VIN
PVIN
VOUT
VOUT_SET
VSEN_REM-
PGOOD
PH_CNTRL
VCC
ISL8200AMMREP
VOUT
ISFETDRV1
RSET
C9
VCC
PVIN
GROUND
VOUT
GROUND
2.2k
47µF (x8)
C205
10nF
FIGURE 5. TEST CIRCUIT FOR ALL PERFORMANCE AND DERATING GRAPHS
VOUT = 1.2V for RSET = 2.2k
Refer to Table 1 for RSET vs VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com