Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC4151C Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ZSSC4151C
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151C Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ZSSC4151C Datasheet HTML 4Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 5Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 9Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 10Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 11Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
8
March 25, 2020
5. Electrical Characteristics
All parameter values in this section are valid under the operating conditions specified in section 4 (unless otherwise stated). All voltages are
referenced to VSSA pin.
Note: All parameters are measured/validated for rADC = 14-bit; segmentation of 1st and 2nd ADC stage = 8/6; fOSC = 8.0MHz; analog gain = ~100;
and TTQE (see specification DS_052). Changing the AD conversion settings influences all timing parameters.
Table 4.
Electrical Parameters
Note: See important table notes at the end of the table.
Requirement
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
5.1 Supply Current and System Operation Conditions
DS_100
Supply current
IS
Excluding the sensor supply
current and excluding output
current at AOUT pin; oscillator
adjusted.
5.5
7
mA
DS_101
Over-voltage power
consumption [a]
POV
5.5V < VDDE < 40V; excluding
sensor and output load.
250
mW
DS_102
Sensor bridge supply
voltage
VSENS
VSENS = VTOP - VBOT
where VTOP is the voltage at the
TOP pin and VBOT is the voltage at
BOT pin.
0.9
1
VDDA
DS_103
Oscillator frequency
fOSC
Adjusted.
7.2
8.0
8.8
MHz
DS_104
Analog supply voltage
VDDA
VDDA is limited if VDDE exceeds the
threshold VOV_LIM_TH; see DS_226.
VDDA must not be supplied
externally.
0.9
1
VDDE
5.2 Analog Front-End Characteristics
DS_120
Input span
VIN_SPAN
±1
±800
mV/V
DS_121
Input voltage range
VIN_RNG1
Analog gain = 1
Corresponds to VADC_IN.
0.05
0.95
VSENS
DS_122
VIN_RNG2
Analog gain = 2 to 200
0.3
0.65
VSENS
DS_123
External capacitance at
input[a]
CIN_EXT
Capacitance at BR1P and BR1N
to VSSA pins, see DS_124.
0
10
+20%
nF
DS_124
Time constant at input
pins [a]
6×CIN ×RBR
Capacitance either at BRP, BRN
to VSSA or between BRP and
BRN pins.
Calculation:
CIN ≤ 30µs / (6
 RBR)
Time constant can be extended by
configuration.
0
30
µs
DS_125
Input leakage current [a]
IIN_leak
-15
15
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com