Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC4151C Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ZSSC4151C
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151C Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ZSSC4151C Datasheet HTML 13Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 14Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 15Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 16Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 17Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 18Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 19Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 20Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
17
March 25, 2020
7.3 Analog Front-End
7.3.1 Overview
The analog front-end (AFE) consists of the multiplexer (MUX), the programmable gain amplifier (PGA), and the analog-to-digital converter
(ADC). The internal offset of the analog front-end is eliminated by an auto-zero compensation.
7.3.2 SCCM
The sensor check and common mode block (SCCM) implements the self-diagnostic features for the analog front-end. The SCCM block provides
the sensor connection checks (short and open circuit) as well as several other diagnostic functions.
7.3.3 Input Multiplexer
The input multiplexer (MUX) selects one of the various inputs and connects it to the signal path utilizing a single ADC. It allows a very flexible
signal routing between the sensor element and the ZSSC4151C.
7.3.4 Programmable Gain Amplifier
The sensor elements signal can be amplified by the on-chip programmable amplifier (PGA) using a gain between 2 and 200. Alternatively, the
PGA can be bypassed and the sensor signal is applied directly to the ADC. The gain is adjustable for every single sensor measurement task
individually in order to provide an ADC input signal span of greater than 50% FS.
Table 6 shows the adjustable gains for the PGA, the corresponding signal spans, and the common mode range limits.
Table 6.
Adjustable PGA Gains and Resulting Sensor Signal Spans and Common Mode Ranges
Requirement
Nominal PGA Gain
aPGA
Maximum Input Span
VIN_SPAN [mV/V]
BR1P and BR1N Input Range [a]
VIN_CM [% VDDA]
Informational
PGA bypassed
800
4 to 96
Informational
2.08
385
30 to 65
Informational
3.15
254
30 to 65
Informational
4.31
186
30 to 65
Informational
6.25
128
30 to 65
Informational
8.31
96
30 to 65
Informational
12.6
63
30 to 65
Informational
17.3
46
30 to 65
Informational
25.0
32
30 to 65
Informational
33.2
24
30 to 65
Informational
50.4
16
30 to 65
Informational
69.0
12
30 to 65
Informational
100.0
8
30 to 65
Informational
138.0
6
30 to 65
Informational
200.0
4 [b]
30 to 65
[a] Recommended range for common mode voltage of bridge (shorted BR1P and BR1P) is 40 to 60%.
[b] Digital zooming allows reducing the input span depending on application requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com