Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC4151C Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ZSSC4151C
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151C Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ZSSC4151C Datasheet HTML 5Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 9Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 10Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 11Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 12Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
9
March 25, 2020
Requirement
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
5.3 A2D Conversion
DS_130
ADC resolution [a]
rADC
12
18
Bit
DS_131
DNL[a]
DNLADC
Best fit; overall AFE;
VADC_IN according to DS_134.
0.95
LSB
DS_132
INL in TQA temperature
range [a]
INLADC_TQA
Best fit.
4
LSB
DS_133
INL in TQE temperature
range
INLADC_TQE
Best fit.
8
LSB
DS_134
ADC input range
VADC_IN
0.05
0.95
VSENS
5.4 Temperature Measurement
Informational [a]
Internal PTAT temperature
sensor measurement
range[a]
OPRTS
Important: This range exceeds
operating conditions for TJ_ABS.
-60
200
°C
DS_140
Internal PTAT temperature
sensitivity
STTSI
Raw values, without conditioning
calculation.
Analog gain = 12.6
20
LSB/K
DS_141
External temperature diode
channel gain
ATSE_D
3
LSB/mV
DS_142
External temperature diode
bias current
ITSE_D
10
20
40
µA
DS_143
External temperature diode
input range [a]
VTSE_D
Relative to VTOP.
-1
-0.2
V
DS_144
External bridge TC channel
gain
ATSE_BRTC
3
LSB/mV
DS_145
External bridge TC input
voltage range [a]
VTSE_BRTC
Relative to VDDA.
-1
-0.2
V
DS_146
External RTD channel gain
ATSE_RTD
10
LSB/mV
DS_147
External RTD input range [a]
VTSE_RTD
Relative to VDDA.
-2
-0.2
V
5.5 Sensor Diagnostic Tasks
DS_151
Sensor connection loss
threshold [b]
RSCC
20
240
k
DS_152
Sensor short threshold
RSSC
50
1000
5.6 DAC and Analog Output (AOUT Pin)
DS_161
DAC resolution [a]
rDAC
Analog output.
12
Bit
DS_162
Output current sink/source
| IOUT_SRC/SINK | VAOUT: 5% to 95%, RLOAD ≥ 2k
2.65
mA
DS_163
VAOUT: 10% to 90%, RLOAD ≥ 1k
5
mA
DS_164
Output current driving
capability[g]
IOUT
Adjusted.
-6
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com