Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7294 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7294 Datasheet HTML 18Page - Analog Devices AD7294 Datasheet HTML 19Page - Analog Devices AD7294 Datasheet HTML 20Page - Analog Devices AD7294 Datasheet HTML 21Page - Analog Devices AD7294 Datasheet HTML 22Page - Analog Devices AD7294 Datasheet HTML 23Page - Analog Devices AD7294 Datasheet HTML 24Page - Analog Devices AD7294 Datasheet HTML 25Page - Analog Devices AD7294 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
AD7294
Preliminary Technical Data
Rev. PrB | Page 22 of 45
GAIN CONTROL OF PA
In this mode, a setpoint voltage, proportional in dB to the
desired output power, is applied to a Logarithmic Amplifier
such as the AD8317, see Figure 25. A sample of the output
power from the PA, via a directional coupler and attenuator (or
by other means), is fed to the input of the AD8317. The VOUT is
then connected to the gain control terminal of the PA. Based on
the defined relationship between VOUT and the RF input signal,
the AD8317 will adjust the voltage on VOUT (VOUT is now an
error amplifier output) until the level at the RF input
corresponds to the applied VSET. The AD7294 completes a
feedback loop, which can track the output of the AD8317 and
adjust the VSET input of the AD8317 accordingly.
INHI
VOUT
VSET
AD8317
DIRECTIONAL
COUPLER
POWER
AMPLIFIER
RF IN
ENVELOPE OF
TRANSMITTED
SIGNAL
AD7294
VOUT
VIN
INLO
CFLT
ATTENUATOR
Figure 25. Setpoint Controller Operation
VOUT of the AD8317 is applied to the gain control terminal of
the power amplifier. In order for this output power control loop
to be stable, a ground-referenced capacitor must be connected
to the CFLT pin. This capacitor integrates the error signal (which
is actually a current) that is present when the loop is not
balanced.
In a system where a Variable Gain Amplifier or
Variable Voltage Attenuator feeds the power amp only one
AD8317 is required. In such a case the gain on one of the
parts (VVA, PA) is fixed and VOUT feeds the control input of
the other.
ANALOG COMPARATOR LOOP
Utilizing the internal analog comparator loop allows the
AD7294 to control the RF switch controlling the RF IN signal to
the HPA. The ISENSEOVERRANGE 1 pin signals whether the
instrumentation amplifiers voltage from the current sense is
greater then or less then the set point 240 mV. The 240 mV is
the fixed threshold voltage of the over-range comparator and
the current sense amplifier will saturate above this. This over-
range signal can be used for the control signal on, for example,
an RF switch such as the ADG901.
HIGH SIDE
CURRENT
SENSE
RS1(+)
RS1(-)
R Sense
ISENSE1
OVERRANGE
SET-POINT
240mV
TO ADC
ADG901*
AD7294*
50
50
RF1
RF2
CTRL
RF IN
VOUT A
FILTER
RF CHOKE
RF OUT
LDMOS
RF CHOKE
VPP
Figure 26. Analog Comparator Loop
This is a useful safety feature available in the AD7294. The
analog control loop senses any high current supplied to the
power amplifier and dynamically cuts the RF signal to the gate
of the device in direct response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com