Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7294 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7294 Datasheet HTML 20Page - Analog Devices AD7294 Datasheet HTML 21Page - Analog Devices AD7294 Datasheet HTML 22Page - Analog Devices AD7294 Datasheet HTML 23Page - Analog Devices AD7294 Datasheet HTML 24Page - Analog Devices AD7294 Datasheet HTML 25Page - Analog Devices AD7294 Datasheet HTML 26Page - Analog Devices AD7294 Datasheet HTML 27Page - Analog Devices AD7294 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
AD7294
Preliminary Technical Data
Rev. PrB | Page 24 of 45
COMMAND REGISTER
Writing in this register puts the part into command mode.
While in command mode, the part cycles through the selected
channels on each subsequent read. If the external TSENSE channels
are selected in the command word, it is not actually requesting
a conversion, but the result of the last automatic conversion
will be output in sequence. See the Channel Sequence Register
section for information on autocycle mode.
Table 8. Address Pointer Byte—Command Bits
Parameter
Function
C1
Convert on CH1
C2
Convert on CH2
C3
Convert on CH3
C4
Convert on CH4
C5
Convert on ISENSE1
C6
Convert on ISENSE2
C7
Read out last result from TSENSE1
C8
Read out last result from TSENSE2
RESULT REGISTER
The result register is a 16-bit read/write register. The four
uncommitted input channels and the two ISENSE channels
converted results are stored in the result register for reading.
Writing to this register sets the DAC1 output code. The register
consists of bits D14 to D12 to identify the ADC channel
allocation. Bits D11 to D0, in the result register, are the data bits
sent to DAC1. While the MSB, D15, is reserved as an Alert_Flag
bit. The Alert_Flag bit indicates whether the conversion result
being read or any other channel result has violated the limit
registers associated with it. If an alert occurs, the master may
wish to read the alert status register to obtain more information
on where the alert occurred if the Alert_Flag bit is set.
Table 9 shows the contents of the first byte to read from the
AD7294; Table 10 shows the contents of the second byte read.
Table 9. Result Register (First Read)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
Alert_Flag
CHID2
CHID1
CHID0
B11
B10
B9
B8
Table 10. Result Register (Second Read)
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com