Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7294 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7294
Description  12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 3 Page - Analog Devices

  AD7294 Datasheet HTML 1Page - Analog Devices AD7294 Datasheet HTML 2Page - Analog Devices AD7294 Datasheet HTML 3Page - Analog Devices AD7294 Datasheet HTML 4Page - Analog Devices AD7294 Datasheet HTML 5Page - Analog Devices AD7294 Datasheet HTML 6Page - Analog Devices AD7294 Datasheet HTML 7Page - Analog Devices AD7294 Datasheet HTML 8Page - Analog Devices AD7294 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Preliminary Technical Data
AD7294
Rev. PrB | Page 3 of 45
SPECIFICATIONS
DAC SPECIFICATIONS1
AVDD = DVDD 4.5 V to 5.5 V, AGND = DGND= 0 V, external 2.5 V reference. Temperature range for B version: −40°C to +105°C. All
specifications TMIN to TMAX, unless otherwise noted. Offset pin is open, so range is from 0 to 5V.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions / Comments
ACCURACY
Resolution
12
Bits
Relative Accuracy (INL)
±4
LSB
Differential Nonlinearity (DNL)
±1
LSB
Guaranteed monotonic
Zero-Scale Error
4
mV
Full-Scale Error
TBD
Offset Error
±4
mV
Measured in the linear region
Offset Error TC
±5
µV/°C
Gain Error
±0.024
% FSR
Gain Temperature Coefficient
2
ppm FSR/°C
DC Crosstalk
0.5
LSB
DAC OUTPUT CHARACTERISTICS
Output Voltage Range
0
5
V
With a 2.5 V internal reference
Output Voltage Span
0
15
V
The 5 V o/p voltage range can be
positioned on the span by the offset
Output Voltage Settling Time
TBD
Slew Rate
TBD
Output Noise Spectral Density
TBD
Short-Circuit Current
40
mA
FS current shorted to ground
Load Current
±10
mA
Source/Sink within 200 mV of supply
Capacitive Load Stability
RL = ∞
1000
pF
DC Output Impedance
0.5
Ω
Power Supply Sensitivity
∆Vout/∆ΑVDD
–85
dB
OFFSET INPUT
Input Range
0
V
VOUT = 3 VOFFSET − 2VREF + VDAC
5
V
DC Input Impedance
75
kΩ
REFERENCE
Reference Output Voltage
2.49
2.51
V
Reference Input Voltage Range
0.1
2.5
V
DC Leakage Current
±30
µA
Input Capacitance
20
pF
VREF Output Impedance
25
Ω
Reference Temperature Coefficient
25
ppm/°C
10 ppm/°C typ
1 Guaranteed by design and characterization; not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com