Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC604EC/D Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MPC604EC/D
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC/D Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MPC604EC/D Datasheet HTML 24Page - NXP Semiconductors MPC604EC/D Datasheet HTML 25Page - NXP Semiconductors MPC604EC/D Datasheet HTML 26Page - NXP Semiconductors MPC604EC/D Datasheet HTML 27Page - NXP Semiconductors MPC604EC/D Datasheet HTML 28Page - NXP Semiconductors MPC604EC/D Datasheet HTML 29Page - NXP Semiconductors MPC604EC/D Datasheet HTML 30Page - NXP Semiconductors MPC604EC/D Datasheet HTML 31Page - NXP Semiconductors MPC604EC/D Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
604 Hardware Specifications
Preliminary/Subject to Change without Notice
1.8.1 Internal Package Conduction Resistance
For the exposed-die packaging technology, the intrinsic conduction thermal resistance paths are as follows:
The die junction-to-case thermal resistance
The die junction-to-lead thermal resistance
These parameters are shown in Table 13.
Figure 18 depicts the primary heat transfer path for a package with an attached heat sink mounted to a
printed-circuit board.
Figure 18. C4 Package with Heat Sink Mounted to a Printed-Circuit Board
Heat generated on the active side (ball) of the chip is conducted through the silicon, then through the heat
sink attach material (or thermal interface material), and finally to the heat sink where it is removed by
forced-air convection.
Since the silicon thermal resistance is quite small, for a first-order analysis, the temperature drop in the
silicon may be neglected. Thus, the heat sink attach material and the heat sink conduction/convective
thermal resistances are the dominant terms. The following section provides a thermal management example
for the 604 using one of the commercially available heat-sinks.
Table 13. Package Thermal Resistance
Thermal Metric
C4-CQFP
BGA
Junction-to-case thermal resistance
0.03
°C/W
0.03
°C/W
Junction-to-lead (ball) thermal resistance
18.0
°C/W
2.2
°C/W
External Resistance
External Resistance
Secondary Heat Transfer Path
Primary Heat Transfer Path
Internal Resistance
(Note the internal versus external package resistance)
Radiation
Convection
Radiation
Convection
Heat Sink
Silicon
C4
Printed-Circuit Board
Thermal Interface Material
Package Leads/Ball
Chip Junction
Underfill
Package Substrate
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com