Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC604EC/D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC604EC/D
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC/D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC604EC/D Datasheet HTML 2Page - NXP Semiconductors MPC604EC/D Datasheet HTML 3Page - NXP Semiconductors MPC604EC/D Datasheet HTML 4Page - NXP Semiconductors MPC604EC/D Datasheet HTML 5Page - NXP Semiconductors MPC604EC/D Datasheet HTML 6Page - NXP Semiconductors MPC604EC/D Datasheet HTML 7Page - NXP Semiconductors MPC604EC/D Datasheet HTML 8Page - NXP Semiconductors MPC604EC/D Datasheet HTML 9Page - NXP Semiconductors MPC604EC/D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
604 Hardware Specifications
Preliminary/Subject to Change without Notice
Figure 3 provides the timing diagram for the fast-L2 mode select input.
Figure 3. Fast-L2 Mode Select Input Timing Diagram
1.3.3 Output AC Specifications
Table 7 provides the output AC timing specifications for the 604 (shown in Figure 4).
Table 7. PowerPC 604 Microprocessor Output AC Timing Specifications
Vdd = 3.3
± 5% V dc, GND = 0 V dc, CL = 50 pF, 0 ≤ Tj ≤ 105 °C
Num
Characteristic
100 MHz
120 MHz
133 MHz
Unit
Notes
Min
Max
Min
Max
Min
Max
12
SYSCLK to output driven
(output enable time)
0.75
0.75
0.75
ns
1
13a
SYSCLK to TS, XATS, ARTRY, SHD,
ABB, and DBB output valid (for 5.5 V to
0.8 V)
8.5
7.5
7.0
ns
2
13b
SYSCLK to TS, XATS, ARTRY, SHD,
ABB, and DBB output valid (for 3.6 V to
0.8 V)
7.5
6.5
6.0
ns
14a
SYSCLK to all other signals output valid
(for 5.5 V to 0.8 V)
8.5
7.5
7.0
ns
2
14b
SYSCLK to all other signals output valid
(for 3.6 V to 0.8 V)
7.5
6.5
6.0
ns
15
SYSCLK to output invalid (output hold)
1.0
1.0
1.0
ns
16
SYSCLK to output high impedance (all
signals except ARTRY, SHD, ABB, DBB,
TS, and XATS)
7.0
6.5
6.0
ns
17
SYSCLK to output high impedance TS,
XATS
7.0
6.5
6.0
ns
18
SYSCLK to ABB and DBB high
impedance after precharge
1.0*
tsysclk
1.0*
tsysclk
1.0*
tsysclk
ns
3
19
SYSCLK to ARTRY and SHD high
impedance before precharge
7.0
6.5
6.0
ns
FAST-L2 MODE PIN
HRESET
11
VM
VM = Midpoint Voltage (1.4V)
10
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com