Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCS2033 Datasheet(PDF) 3 Page - International Rectifier

Part # IRMCS2033
Description  Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2033 Datasheet(HTML) 3 Page - International Rectifier

  IRMCS2033 Datasheet HTML 1Page - International Rectifier IRMCS2033 Datasheet HTML 2Page - International Rectifier IRMCS2033 Datasheet HTML 3Page - International Rectifier IRMCS2033 Datasheet HTML 4Page - International Rectifier IRMCS2033 Datasheet HTML 5Page - International Rectifier IRMCS2033 Datasheet HTML 6Page - International Rectifier IRMCS2033 Datasheet HTML 7Page - International Rectifier IRMCS2033 Datasheet HTML 8Page - International Rectifier IRMCS2033 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IRMCS2033
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
2
Overview
The IRMCS2033 is a low voltage drive design platform for a complete Sensorless Permanent Magnet motor drive
system based on the IRMCK203 digital motion control IC. The system is based on a configurable control engine
implemented by hardware logic in the IRMCK203. The system has a simple and low cost structure, made possible by
advanced IR motion components including the IR2175 monolithic current sensing high voltage IC and IR2106 gate
driver IC. Instead of using IR2175 as current feedback option, IRMC2033 also supports Inverter Low side shunt
current feedback via A/D converter. These feedback options used in conjunction with the IRMCK203 simplify
hardware implementation. Since all control logic is implemented in hardware logic as opposed to programmed
software, unmatched parallel computation is achieved, resulting in higher bandwidth control and higher motor
operating frequency (15 usec minimum PWM loop cycle).
Despite hardware logic implementation, its design flexibility allows the user to configure Permanent Magnetic ac
motors (Sinusoidal Back EMF) with different motor parameters and different types of communication protocols.
Host
Controller
IR2175
IR2175
IRMCK203
Motor
DC Power
IRMCS2033
RS232C
or
RS422
θ
j
e
θ
j
e
2/3
Dead
time
Host
Register
Interface
Configuration
Registers
Monitoring
Registers
SPI
Interface
Space
Vector
PWM
Period/Duty
counters
Period/Duty
counters
BRAKE
FAULT
+
-
-
+
-
+
A/D
interface
A/D MUX
select
DC bus dynamic
brake control
Analog Speed
Reference
DC bus feedback
Parallel
Interface
EEPROM
Rotor Angle/
speed
Estimator
4
channel
D/A
Analog
Monitor
RAMP
Brake
Circuit w
Brake
Resistor
MOSFET Inverter
IR2106
IRFB59N10D
Figure 1. IRMCS2033 System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com