Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCS2033 Datasheet(PDF) 9 Page - International Rectifier

Part # IRMCS2033
Description  Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2033 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRMCS2033 Datasheet HTML 5Page - International Rectifier IRMCS2033 Datasheet HTML 6Page - International Rectifier IRMCS2033 Datasheet HTML 7Page - International Rectifier IRMCS2033 Datasheet HTML 8Page - International Rectifier IRMCS2033 Datasheet HTML 9Page - International Rectifier IRMCS2033 Datasheet HTML 10Page - International Rectifier IRMCS2033 Datasheet HTML 11Page - International Rectifier IRMCS2033 Datasheet HTML 12Page - International Rectifier IRMCS2033 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
IRMCS2033
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
8
Step 5. (Optional) J8 Connector, Analog Output monitoring
18
J8 Top View
Figure 4. J8 Connector
Pin Definition
Pin 1: Channel 1 Analog output (0-5V)
Pin 2: GND
Pin 3: Channel 2 Analog output (0-5V)
Pin 4: GND
Pin 5: Channel 3 Analog output (0-5V)
Pin 6: GND
Pin 7: Channel 4 Analog output (0-5V)
Pin 8: GND
Step 6. (Optional) Rescale bus voltage range
The default voltage levels are:
Over voltage trip = 63.2 V
Under voltage trip = 18.4 V
Dynamic brake voltage = 58.7V
If a different voltage range is desired, the user can modify hardware (resistors) to obtain a different voltage range.
Resistors R31 and R43 (R31 = R43) can be replaced to accommodate a different voltage range.
Over voltage trip = 402 / R31 * 5 * 3360 / 4095 volts
(must not exceed 70 Volts)
Under voltage trip = 402 / R31 * 5 * 976 / 4095 volts
(must be above 15 Volts)
Dynamic brake voltage = 402 / R31 * 5 * 3120 / 4095 volts
After determining the value of R31 (R43 = R31), the dc bus scaling in the Excel Spreadsheet (drive commissioning
tool) need to be updated by the following equation:
Dc bus scale = R31 * 4095 / (5 * 402) where R31 is in Kohm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com