Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCS2033 Datasheet(PDF) 8 Page - International Rectifier

Part # IRMCS2033
Description  Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2033 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRMCS2033 Datasheet HTML 4Page - International Rectifier IRMCS2033 Datasheet HTML 5Page - International Rectifier IRMCS2033 Datasheet HTML 6Page - International Rectifier IRMCS2033 Datasheet HTML 7Page - International Rectifier IRMCS2033 Datasheet HTML 8Page - International Rectifier IRMCS2033 Datasheet HTML 9Page - International Rectifier IRMCS2033 Datasheet HTML 10Page - International Rectifier IRMCS2033 Datasheet HTML 11Page - International Rectifier IRMCS2033 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IRMCS2033
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
7
Installation Procedure
Step 1.
Visually inspect IRMCS2033 board to check for loose wiring, loose or damaged components or other abnormalities.
Step 2.
Connect Motor cable and DC power to IRMCS2033 J1 connector.
Motor
DC Power
Supply
DC+
VSS
W
V
U
J1
+
-
Figure 2. Power Connector, J1
Step 3. (Optional) J6 Connector RS232C
Connect the RS232C cable between 9-pin D-sub connector and PC.
Step 4. (Optional) J7 Connector, External I/O
Connect External I/O Connector (J7) as needed. All inputs are 5V tolerant.
Pin Definition
GND
5V
GND
12
16
15
STARTSTOP
DIR
ESTOP
FAULT CLR
10k ohm
potentiometer
10V
Pin 1: Analog speed reference input
Pin 2: +10V
Pin 3: N/A (open)
Pin 4: N/A (open)
Pin 5: N/A (open)
Pin 6: GND
Pin 7: FAULT status output (high when FAULT)
Pin 8: SYNC status output (2 usec width of active low pulse at every
carrier frequency period)
Pin 9: PWM Enable status output (high when PWM is enabled)
Pin 10: +5V
Pin 11: STARTSTOP input (positive edge transition to start; negative
edge transition to stop)
Pin 12: DIR input (high = fwd; low = rev)
Pin 13: ESTOP input (high to activate emergency stop)
Pin 14: FAULT CLR input (1usec pulse to clear fault)
Pin 15: N/A (open)
Pin 16: GND
Figure 3. J7 Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com